M3H17FCG-R
AI

The **M3H17FCG-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. This series is part of the **TXZ+™ Family Advanced Class**, based on the ARM® Cortex®-M3 core.
---
## 1. Core Specifications
The M3H series is designed for high-precision control in consumer electronics and industrial equipment.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Flash Memory** | 128 KB (approximate for this sub-series) |
| **RAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V (Wide range) |
| **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
---
## 2. Key Electronic Features
### High-Precision Analog Functions
The "H" in M3H signifies high-performance analog integration.
* **ADC (Analog-to-Digital Converter):** Typically features a 12-bit ADC with high-speed conversion (approx. 1.5 $\mu s$).
* **DAC (Digital-to-Analog Converter):** Includes an 8-bit DAC for signal generation.
### Timer & Control PWM
This chip is optimized for motor control and power management:
* **T32A:** 32-bit timer event counter.
* **Advanced Programmable Motor Control (A-PMD):** Specifically designed to drive 3-phase motors with dead-time insertion.
### Communication Interfaces
It supports standard industrial protocols:
* **UART:** Universal Asynchronous Receiver-Transmitter.
* **I2C:** Inter-Integrated Circuit.
* **TSPI:** Toshiba Serial Peripheral Interface (high-speed SPI).
---
## 3. Part Number Decoder
Understanding the "M3H17FCG-R" nomenclature:
| Code | Meaning |
| :--- | :--- |
| **M3H** | TXZ+ Family / Cortex-M3 High-speed Analog Group |
| **17** | Pin count / Memory density indicator |
| **F** | Flash Memory type |
| **CG** | Package Code (LQFP100) |
| **-R** | Tape and Reel packaging |
---
## 4. Typical Applications
Due to its 5V support and robust motor control timers, this part is commonly found in:
1. **Home Appliances:** Washing machines, air conditioners, and refrigerators.
2. **Industrial Equipment:** Small-to-medium scale motor drivers and factory automation sensors.
3. **Power Management:** Digital power supply controllers.
- ⤷What is the difference between the M3H and M4K Toshiba series?
- ⤷ Does the M3H17FCG-R support CAN bus communication?
- ⤷ Where can I download the specific register map for this microcontroller?