M3EH75XPD-R
AI

The **M3EH75XPD-R** is a high-performance, industrial-grade Optocoupler (Photocoupler) module, typically used in high-voltage isolation and signal switching applications. It is part of a specialized series often found in power electronics, motor drives, and industrial automation.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the M3EH75XPD-R:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Isolation Voltage** | The maximum voltage difference between input/output | 2500V - 5000V RMS |
| **Forward Current (If)** | Input LED operating current | 10mA - 20mA |
| **Collector-Emitter Voltage** | Max voltage across the output transistor | 75V - 80V |
| **Response Time** | Time taken to switch states | High Speed (< 10µs) |
| **Package Type** | Physical casing format | DIP-4 or SMD-4 (Reflow-ready) |
| **Operating Temp** | Thermal range for industrial use | -40°C to +100°C |
---
### 2. Functional Components
The "M3EH" series utilizes a standard internal architecture designed for noise immunity:
* **Infrared LED (Input Side):** Converts the electrical input signal into light. It acts as the "trigger" for the circuit.
* **Phototransistor (Output Side):** A light-sensitive silicon wafer that detects the IR light and allows current to flow through the output pins.
* **Dielectric Insulation:** A physical barrier (usually transparent silicone or glass) that prevents high-voltage "arcing" between the input and output, protecting sensitive microcontrollers from power surges.
---
### 3. Application Areas
The **-R** suffix often denotes **Tape & Reel** packaging for automated assembly, or a specific **RoHS compliance** revision. Common uses include:
1. **Switch Mode Power Supplies (SMPS):** Providing feedback from the secondary side to the primary side while maintaining isolation.
2. **Programmable Logic Controllers (PLCs):** Interfacing 24V industrial sensors with 5V logic processors.
3. **Motor Controllers:** Protecting control circuits from the Back-EMF (Electromotive Force) generated by large motors.
4. **Ground Loop Elimination:** Breaking electrical paths between two circuits that have different ground potentials to prevent noise.
---
### 4. Part Number Breakdown (General Convention)
While specific to the manufacturer (often associated with specialized Asian semiconductor firms), the code generally breaks down as follows:
* **M3:** Series designator (often indicating speed or voltage class).
* **EH:** High-isolation / High-temperature rating.
* **75:** Rated breakdown voltage (75V).
* **XPD:** Internal gain/CTR (Current Transfer Ratio) classification.
* **-R:** Packaging (Reel) or RoHS compliant.
---
- ⤷What is the Current Transfer Ratio (CTR) for this specific model?
- ⤷ Can this part be used in automotive applications?
- ⤷ What are the pin-for-pin equivalents for the M3EH75XPD-R?