Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M3EH72ZPD-R

  • AI
    The **M3EH72ZPD-R** is a high-performance, industrial-grade storage component, specifically a **Solid State Drive (SSD)** from the **Innodisk M3E** series. This part is designed for embedded systems, server environments, and industrial applications where reliability and data integrity are critical. --- ### 1. General Specifications The following table highlights the core technical characteristics of the M3EH72ZPD-R: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (2280) | | **Interface** | SATA III (6.0 Gb/s) | | **Flash Type** | iSLC (Industrial SLC) | | **Capacity** | 72GB | | **Series** | M3E | | **Operating Temp** | Standard Grade (0°C to +70°C) | | **Performance** | Up to 520MB/s (Read) / 450MB/s (Write) | --- ### 2. Key Electronic Components & Technologies #### A. iSLC Technology The "iSLC" technology is a proprietary flash management technique. It uses 2-bit MLC (Multi-Level Cell) flash but operates it in a way that mimics 1-bit SLC (Single-Level Cell). * **Electronic Benefit:** This significantly increases the **P/E (Program/Erase) cycles** to approximately 30,000, offering much higher endurance than standard MLC or TLC drives. #### B. Integrated Power Management This module includes electronic circuitry for **iPower Guard™** and **iData Guard™**. * **Data Integrity:** These circuits monitor voltage levels. If a sudden power drop is detected, the drive uses residual energy to ensure that data currently in the buffer is safely written to the flash, preventing file system corruption. #### C. Thermal Management The PCB design incorporates thermal sensors that communicate with the host system. If the drive exceeds safe operating temperatures, it employs **Thermal Throttling**—reducing clock speeds of the controller to dissipate heat and protect the silicon components. --- ### 3. Pinout and Physical Interface The device utilizes the M.2 B+M Key, which includes specific electronic signaling for: * **Voltage Rails:** Typically operates on a 3.3V DC input. * **SATA Differential Pairs:** High-speed lanes for data transmission (TX+/TX- and RX+/RX-). * **DEVSLP:** A signal pin that allows the drive to enter a low-power "Device Sleep" mode to conserve energy in embedded mobile systems. --- ### 4. Implementation Code (Example) In an embedded Linux environment, you can check the health and electronic status of this drive using `smartctl`: ```bash # Check the health status of the M3E drive sudo smartctl -a /dev/sda # Check the specific wear-leveling (Endurance) of the iSLC flash sudo smartctl -l devstat /dev/sda ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between iSLC and standard SLC in terms of cost and longevity?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ Can this drive be used in wide-temperature environments (-40°C to +85°C)?