AI

The **M3EH64ZPD-R** is a specific part number typically associated with high-performance **DDR5 SDRAM memory modules**, often used in enterprise environments, servers, or high-end workstations. This part belongs to the Samsung product line.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR5 (Double Data Rate 5) |
| **Capacity** | 64GB |
| **Form Factor** | RDIMM (Registered DIMM) |
| **Data Rate** | Up to 4800 MT/s or 5600 MT/s (Depending on sub-revision) |
| **Voltage** | 1.1V (Standard DDR5 Operating Voltage) |
| **Error Correction** | ECC (Error Correction Code) |
| **Pin Count** | 288-Pin |
---
### 2. Core Electronic Components
The physical module consists of several critical electronic sub-components that manage data integrity and power:
#### A. DRAM Chips (The Memory Cells)
The module features high-density silicon dies. In a 64GB configuration, these are typically stacked or arranged in a "Dual Rank" (2Rx4 or 2Rx8) configuration to maximize capacity without increasing the physical footprint.
#### B. Power Management IC (PMIC)
Unlike DDR4, which relied on the motherboard to regulate voltage, the M3EH64ZPD-R features an **on-board PMIC**.
* **Role:** It converts the 12V input from the system into the 1.1V required by the chips.
* **Benefit:** This reduces noise, improves power efficiency, and allows for better voltage granularity.
#### C. Registering Clock Driver (RCD)
As an **RDIMM**, this module includes an RCD chip.
* **Role:** It acts as a buffer for command and address signals between the memory controller (CPU) and the DRAM chips.
* **Benefit:** It reduces the electrical load on the CPU, allowing the system to support more memory modules simultaneously without losing signal integrity.
#### D. SPD Hub (Serial Presence Detect)
This is an integrated EEPROM and thermal sensor.
* **Role:** It stores the module's configuration data (timings, speed, voltage) so the BIOS can configure it automatically.
* **Benefit:** Includes an integrated temperature sensor to prevent overheating.
---
### 3. Advanced Features
* **On-Die ECC:** DDR5 chips have internal error correction to improve reliability at higher speeds.
* **Dual 32-bit Subchannels:** DDR5 splits the 64-bit data bus into two independent 32-bit channels, which improves efficiency and lowers latency for data access.
---
- ⤷
What is the difference between RDIMM and UDIMM in DDR5 memory?
- ⤷ How does the on-board PMIC improve performance over older DDR4 designs?
- ⤷ Is this specific memory module compatible with consumer-grade motherboards?