M3A65TAD-R
AI

The **M3A65TAD-R** is a specialized server/workstation motherboard manufactured by **Supermicro**. It is built on the AMD platform and is designed for high-density computing environments.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Architecture & Chipset
The motherboard is built around the **AMD SR5690** chipset, designed for professional reliability and high I/O throughput.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | Dual Socket G34 (LGA 1944) |
| **Supported CPUs** | AMD Opteron™ 6000 series (8/12/16-Core) |
| **Chipset** | AMD SR5690 + SP5100 |
| **System Bus** | HyperTransport 3.0 (up to 6.4 GT/s) |
---
### 2. Memory (RAM) Configuration
The board features a high-capacity memory layout to support virtualization and data-heavy applications.
* **Slots:** 16x 240-pin DDR3 DIMM slots.
* **Type:** DDR3 Registered ECC or Unbuffered ECC/non-ECC.
* **Capacity:** Supports up to 512GB of DDR3 ECC Registered memory.
* **Speeds:** 1600 / 1333 / 1066 MHz.
---
### 3. Expansion and Connectivity
This board is optimized for high-speed data transfer and expansion cards.
#### I/O Interface
* **SATA:** 6x SATA 2.0 (3Gbps) ports via the SP5100 controller (Supports RAID 0, 1, 10).
* **LAN:** Dual-port Gigabit Ethernet (Intel® 82576 controllers).
* **USB:** Multiple USB 2.0 ports (Internal headers + Rear I/O).
* **VGA:** Integrated Matrox G200eW Graphics.
#### Expansion Slots
* **PCI-Express:** Usually features 1x PCI-E 2.0 x16 slot and 1x PCI-E 2.0 x8 slot (configuration may vary slightly by revision).
---
### 4. Management & Power
As a server-grade component, it includes dedicated remote management hardware.
* **IPMI 2.0:** Includes an Integrated ASPEED AST2050 controller for Intelligent Platform Management Interface (IPMI) with KVM-over-LAN support.
* **Power Design:** Uses high-efficiency voltage regulator modules (VRMs) to ensure stability for 140W+ TDP processors.
* **Form Factor:** Proprietary / Custom (Designed specifically for Supermicro 3U/Blade chassis environments).
---
### 5. Summary Table
| Feature | Details |
| :--- | :--- |
| **Model** | M3A65TAD-R |
| **Brand** | Supermicro |
| **Memory Architecture** | Quad-channel (per CPU) |
| **Network** | Intel 82576 Dual GbE |
| **Graphics** | Matrox G200 (Integrated) |
| **Management** | IPMI 2.0 / Dedicated LAN port |
- ⤷
What are the compatible server chassis for the M3A65TAD-R motherboard?
- ⤷ How does the SR5690 chipset compare to modern server chipsets?
- ⤷ What is the maximum power consumption (TDP) supported per CPU socket on this board?