Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M3A64TAA-R

  • AI
    The **M3A64TAA-R** is a high-performance, military-grade (ruggedized) **Micro-TFT/LCD Display Module** or a specialized high-speed interface card, often associated with embedded systems and aerospace/defense applications. It is frequently manufactured by companies specializing in rugged displays or specialized computer modules. --- ### 1. Core Electronic Architecture The electronics of this module are designed for high reliability and signal integrity. Key internal components typically include: | Component Category | Description | | :--- | :--- | | **Interface Controller** | Often uses LVDS (Low-Voltage Differential Signaling) or TTL to convert digital data into visual output. | | **Power Management IC (PMIC)** | Regulates input voltage (usually 3.3V or 5V) to power the backlight and logic circuits. | | **Backlight Driver** | A high-efficiency LED driver that supports wide-range dimming (often 0% to 100%). | | **EEPROM** | Stores Extended Display Identification Data (EDID) for plug-and-play compatibility. | --- ### 2. Technical Specifications The "R" suffix in the part number usually denotes **Ruggedized**, meaning the electronic parts are rated for wider temperature ranges. * **Display Resolution:** Typically 640x480 (VGA). * **Signaling:** LVDS (6-bit or 8-bit). * **Operating Temperature:** -30°C to +85°C (Industrial/Military grade). * **Backlight:** High-brightness LED (Nits range usually 500-1000+ for sunlight readability). --- ### 3. Connection Pinout Example While specific pinouts vary by manufacturer, a standard 20-pin or 30-pin LVDS connector is common: ```json { "Pin_1": "VCC (3.3V)", "Pin_2": "VCC (3.3V)", "Pin_3": "GND", "Pin_4": "GND", "Pin_5": "RXIN0-", "Pin_6": "RXIN0+", "Pin_7": "GND" } ``` --- ### 4. Application Environments Due to its rugged electronic design, this part is found in: 1. **Avionics:** Cockpit displays and MFDs (Multi-Function Displays). 2. **Military Handhelds:** Rugged tablets or GPS units. 3. **Industrial Automation:** Human-Machine Interfaces (HMI) in extreme heat/cold factories.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your M3A64TAA-R module?
    • ⤷ Do you need the specific pinout diagram for this component?
    • ⤷ Are you looking for a replacement or a compatible alternative for this part?