M3A61FAD-R
AI

The **M3A61FAD-R** is a specific part number belonging to a family of **DC-DC Converter modules**, typically manufactured by companies like **Murata** or associated power solution providers. These components are designed for point-of-load (PoL) power management in industrial or telecommunications hardware.
---
### 1. General Specifications
The "M3A" series usually refers to high-efficiency, non-isolated switching regulators. Below is a breakdown of the typical electronic characteristics for this part category:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Non-isolated DC-DC Converter (Buck/Step-down) |
| **Input Voltage Range** | Typically 4.5V to 14V DC |
| **Output Voltage** | Often adjustable (e.g., 0.7V to 5.0V) |
| **Output Current** | Usually rated for 6A to 20A (depending on specific revision) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Efficiency** | Up to 90-95% under optimal load |
---
### 2. Key Internal Electronic Components
These modules are "System-in-Package" (SiP) solutions. If you were to look inside the M3A61FAD-R, you would find:
* **PWM Controller:** The "brain" that regulates the switching frequency to maintain a constant output voltage.
* **Power MOSFETs:** High-speed electronic switches that handle the current flow.
* **Inductor:** A high-quality power inductor integrated into the package to store energy during the switching cycle.
* **Feedback Network:** Precision resistors and capacitors that monitor the output voltage and signal the controller to adjust.
---
### 3. Pinout and Integration
While specific datasheets should always be consulted for PCB layout, these parts generally utilize a standardized footprint:
1. **Vin:** Input supply voltage.
2. **Vout:** Regulated output voltage.
3. **GND:** Common ground reference.
4. **Trim/Adj:** A pin where an external resistor is placed to set the desired output voltage level.
5. **Enable/On-Off:** A logic-level input to turn the module on or off remotely.
6. **PGOOD:** (Power Good) A signal indicating the output is within the regulated range.
---
### 4. Common Applications
* **FPGA Powering:** Providing the low-voltage, high-current rails required by Xilinx or Altera FPGAs.
* **Server Motherboards:** Stepping down 12V bus power to CPU/RAM voltages.
* **Telecommunications:** Base station hardware where high efficiency and small footprints are critical.
---
- ⤷
What is the maximum output current for the M3A61FAD-R?
- ⤷ What is the recommended external resistor value to set the output to 3.3V?
- ⤷ Does this module require external heat sinking for full load operation?