Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M3A24TAD-R

  • AI
    The **M3A24TAD-R** is a specific surface-mount electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized **Photocoupler/Optoisolator** used in industrial automation and power management. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to bridge low-power control signals with high-power loads while providing electrical isolation. | Parameter | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Optocoupler | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Circuit Type** | Normally Open (Form A) | | **Isolation Voltage** | Typically 2,500V to 3,750V RMS | | **Standard Package** | SOP or DIP modified for SMD | --- ### 2. Key Internal Components The "TAD" series usually employs a hybrid architecture to ensure reliability: 1. **Input Side (Control):** An Infrared LED (GaAlAs). When current flows through this LED, it emits light toward the internal sensor. 2. **Isolation Layer:** A transparent silicone or resin barrier that allows light to pass through but blocks high-voltage electricity (preventing feedback to the controller). 3. **Output Side (Load):** A Power MOSFET or a pair of MOSFETs. This allows the device to switch both AC and DC loads with minimal "on-resistance." --- ### 3. Electrical Characteristics While specific values can vary slightly by manufacturer (often associated with brands like Panasonic or Omron in similar naming conventions), the M3A24TAD-R generally follows these patterns: * **Load Voltage:** Rated for up to **60V - 400V** (depending on the specific sub-series). * **Continuous Load Current:** Usually handles between **100mA to 500mA**. * **Low On-Resistance:** Designed to minimize heat dissipation during operation. * **Fast Switching:** Unlike mechanical relays, this part has no moving parts, allowing for microsecond response times. --- ### 4. Applications Due to its reliability and small footprint, the M3A24TAD-R is commonly found in: * **Telecommunications:** Hook-switch circuits and dial pulsing. * **Industrial Controls:** Programmable Logic Controllers (PLCs) and sensor interfaces. * **Medical Equipment:** Isolated monitoring circuits. * **Data Acquisition:** High-speed signal switching where mechanical wear is unacceptable. --- ### 5. Advantages of the "R" Suffix The **-R** suffix typically denotes: * **RoHS Compliance:** The part is lead-free and environmentally friendly. * **Tape and Reel:** Packaging specifically designed for automated "Pick and Place" assembly machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M3A24TAD-R?
    • ⤷ Can this component handle AC and DC loads simultaneously?
    • ⤷ What are the pin-out configurations for the SMD package?