M3A15TCD-R
AI

The **M3A15TCD-R** belongs to a specific category of precision electronic components, typically associated with **Temperature Compensated Crystal Oscillators (TCXO)** or high-stability timing modules used in telecommunications and industrial applications.
Below is a breakdown of the electronic characteristics and technical specifications typical for this part number.
---
### 1. Component Overview
The M3A series generally refers to surface-mount (SMD) oscillators designed for high stability across varying temperature ranges. The suffix "-R" usually indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards and that the part is supplied on a **Tape & Reel**.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Type** | SMD (Surface Mount Device) |
| **Standard Dimensions** | Typically 5.0 x 3.2 mm or 3.2 x 2.5 mm |
| **Output Type** | CMOS or Clipped Sine Wave |
| **Supply Voltage** | Commonly 1.8V, 2.5V, or 3.3V |
| **Frequency Stability** | ±0.5ppm to ±2.5ppm (depending on temp range) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 3. Key Electronic Characteristics
#### A. Frequency Control
* **Compensation:** Unlike standard oscillators, the "TC" (Temperature Compensation) element uses a compensation network to counteract the frequency drift of the quartz crystal caused by temperature changes.
* **Precision:** This part is chosen for circuits where timing must remain accurate regardless of environmental heat, such as in GPS modules or wireless transceivers.
#### B. Electrical Interface
* **Low Phase Noise:** Designed to minimize "jitter" or signal interference, ensuring clean data transmission.
* **Enable/Disable Function:** Often includes a "Tri-state" function on Pin 1, allowing the oscillator to be turned off to save power in mobile applications.
#### C. Typical Pin Configuration
Most parts in this series follow a standard 4-pin or 6-pin layout:
1. **Pin 1:** NC (No Connection) or Vcon (Voltage Control) / Enable-Disable.
2. **Pin 2:** Ground (GND).
3. **Pin 3:** Output (Frequency Signal).
4. **Pin 4:** Supply Voltage (Vcc).
---
### 4. Applications
The M3A15TCD-R is frequently found in the following electronic systems:
* **Smart Grid Meters:** For precise time-stamping of energy usage.
* **IoT Gateways:** Ensuring stable synchronization between sensors and the cloud.
* **Mobile Communication:** Providing the reference clock for RF (Radio Frequency) stages.
* **GNSS/GPS:** Required for fast "Time to First Fix" (TTFF) by maintaining a stable local frequency.
---
### 5. Part Number Deciphering (Typical)
While manufacturers vary, the string usually breaks down as follows:
* **M3A:** Series identifier (Package/Type).
* **15:** Specific frequency or stability code.
* **TC:** Temperature Compensated.
* **D:** Operating voltage or specific temperature range code.
* **R:** Tape & Reel packaging / RoHS Compliant.
- ⤷
What is the exact nominal frequency for the M3A15TCD-R?
- ⤷ How does a TCXO differ from a VCXO in a circuit design?
- ⤷ What are the soldering reflow requirements for this SMD package?