Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2VT-16D-R2/K

  • AI
    The **M2VT-16D-R2/K** is a high-performance, signal-conditioning interface module (often categorized as a transducer or converter) manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to convert signal levels and provide isolation. --- ### 1. General Specifications The module is designed to accept a specific DC input and convert it into a standardized DC output, providing 3-way isolation (input to output to power). | Feature | Specification | |:---|:---| | **Model Series** | M2VT (Plug-in Signal Conditioner) | | **Input Type** | Voltage/Current (Model specific, likely 0-10V or 4-20mA) | | **Output Type** | Voltage/Current (Model specific) | | **Isolation** | 3-way (Input, Output, Power) | | **Response Time** | High-speed response (standard < 0.5s) | | **Mounting** | Plug-in base (DIN rail or surface) | --- ### 2. Electronic Component Breakdown The internal architecture of the M2VT series relies on high-precision analog and digital processing components: #### A. Input Stage * **Protection Circuit:** Utilizes Zener diodes or Varistors to protect against voltage spikes. * **A/D Converter (or Op-Amp stage):** Converts the incoming analog signal into a format suitable for isolation. #### B. Isolation Barrier * **Optical/Magnetic Couplers:** This is the core electronic feature. It uses optoisolators or transformers to transfer the signal without physical electrical contact. * **Dielectric Strength:** Usually rated for **2000V AC** for 1 minute, preventing ground loops and protecting sensitive PLC inputs. #### C. Power Management * **Switching Regulator:** Converts the supply voltage (e.g., 24V DC or 100-240V AC) into stabilized internal voltages. * **Filtering:** Large electrolytic and ceramic capacitors are used to ensure low noise and high ripple rejection. #### D. Output Stage * **D/A Converter & Driver:** Reconstructs the signal into a linear DC output (e.g., 4-20mA). * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration. --- ### 3. Application Use Cases * **Ground Loop Elimination:** When two devices have different ground potentials, the M2VT electronically isolates them to prevent signal interference. * **Signal Boosting:** Converting a weak voltage signal into a robust 4-20mA current loop for long-distance transmission. * **Equipment Protection:** Acting as a "sacrificial" barrier between high-voltage field sensors and expensive Control Systems (DCS/PLC). --- ### 4. Code / Pinout Structure (General M2VT) While the exact internal schematic is proprietary, the interface follows this logic: ```text Pin 1-2: Power Supply Input Pin 4-5: Input Signal (+ / -) Pin 6-7: Output Signal (+ / -) Pin 8: Ground/Shield ```
    ✨ Follow-up Questions
    • ⤷ What is the specific input/output range for the R2/K suffix?
    • ⤷ How do I perform a span adjustment on this module?
    • ⤷ What is the difference between the M2VT and the M2RS series?