M2VF2-AD-R2/CE
AI

The **M2VF2-AD-R2/CE** is a high-precision Signal Conditioner (Transducer) manufactured by **M-System**. Its primary function is to convert a DC voltage input into two isolated DC output signals.
---
### 1. Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 (Mini-M) Series |
| **Input Signal** | DC Voltage (Configurable) |
| **Output 1 & 2** | DC Voltage or Current (Dual Independent Outputs) |
| **Power Input (R2)** | 110V - 240V AC |
| **Accuracy** | ±0.1% |
| **Isolation** | 3-Way (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Certification** | CE Marking |
---
### 2. Breakdown of the Model Number (Coding)
Understanding the electronic configuration via the suffix codes:
* **M2**: Series name (Plug-in Signal Conditioners).
* **VF2**: Function identifier (V-Network/Voltage Input to Dual Output).
* **AD**: Designates the specific input/output ranges (Standard factory default or customer-specified range).
* **R2**: Power Supply code. `R2` indicates a wide-range AC power supply (100–240V AC).
* **CE**: Compliance code, indicating the unit meets European Safety and EMC standards.
---
### 3. Key Electronic Components & Internal Design
The M2VF2 utilizes a sophisticated internal architecture to ensure signal integrity in industrial environments:
* **Isolation Transformer:** Provides 2000V AC galvanic isolation. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
* **A/D and D/A Converters:** High-resolution converters ensure that the analog signal is processed digitally with minimal drift, allowing for the ±0.1% accuracy rating.
* **Zero/Span Adjustments:** Located on the front panel, these are multi-turn potentiometers used to calibrate the output levels relative to the input.
* **Filtering Circuitry:** Integrated low-pass filters reduce high-frequency electromagnetic interference (EMI) commonly found in industrial settings.
---
### 4. Application Use-Case
This device is typically used when one sensor (e.g., a 0-10V pressure transducer) needs to send its data to two different locations simultaneously, such as:
1. **Output 1:** To a Local Display/HMI.
2. **Output 2:** To a remote PLC or SCADA system for data logging.
---
- ⤷
What are the specific wiring diagrams for the dual output pins?
- ⤷ How do I perform a zero/span calibration on this specific model?
- ⤷ Can this unit be powered by 24V DC instead of 110/240V AC?