Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2VF2-5W5-R

  • AI
    The **M2VF2-5W5-R** is a specific part number typically associated with high-performance power modules, specifically a **DC-DC Converter**. This component is designed to convert a source of direct current (DC) from one voltage level to another, often used in industrial or communication equipment. --- ### 1. General Specifications The part number follows a standard naming convention for compact power modules. Below are the typical characteristics of this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | Wide range (e.g., 4.5V - 9V or 9V - 18V) | | **Output Voltage** | 5V DC | | **Power Rating** | 5 Watts | | **Isolation** | Usually 1500V DC to 3000V DC | | **Package Style** | SIP (Single In-line Package) or DIP | | **Mounting Type** | Through-hole | --- ### 2. Key Electronic Features The M2VF2-5W5-R is built using several internal electronic stages to ensure stability and safety: * **Pulse Width Modulation (PWM) Controller:** The "brain" of the converter that regulates the output voltage by switching the input at high frequencies. * **Transformer Isolation:** Provides galvanic isolation between the input and output circuits, protecting sensitive downstream components from input spikes. * **Filtering Capacitors:** High-quality ceramic or electrolytic capacitors are used to minimize "Ripple and Noise" on the 5V output line. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Prevents damage if the load draws more than 5W. * **SCP (Short-Circuit Protection):** Automatically shuts down or limits current during a short. * **UVLO (Under-Voltage Lockout):** Ensures the device only operates when the input voltage is sufficient. --- ### 3. Pinout and Physical Construction Most modules in this series utilize a standard footprint to allow for easy PCB integration. ```text Typical Pin Configuration: 1. +Vin (Positive Input) 2. -Vin (Negative Input/GND) 3. +Vout (Positive Output) 4. -Vout (Negative Output) 5. Trim/Control (Optional - depending on specific suffix) ``` --- ### 4. Applications Because of its small form factor and regulated 5W output, it is commonly found in: 1. **Industrial Controls:** Powering sensors and microcontrollers from a higher voltage rail. 2. **Telecommunications:** Converting bus voltages to logic-level 5V. 3. **Data Acquisition:** Providing isolated power to analog-to-digital converters (ADCs) to prevent ground loops.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the M2VF2 series?
    • ⤷ Does this model require external heat sinking for 5W operation?
    • ⤷ Are there pin-compatible alternatives from other manufacturers?