Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2VF2-4WE-R2SLASHX1

  • AI
    The model **M2VF2-4WE-R2/X1** is a specific industrial-grade signal converter/isolator manufactured by **M-System**. This component is primarily used in automation and control systems to convert and isolate DC signals. ### 1. Breakdown of the Model Code To understand the electronic capabilities, we must decode the nomenclature: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VF2** | Series/Base Model | Ultra-slim Signal Conditioner (Dual Output) | | **4** | Input Signal | 0 – 10 V DC | | **W** | Output 1 | 4 – 20 mA DC | | **E** | Output 2 | 1 – 5 V DC | | **R2** | Power Supply | 100 – 240V AC | | **X1** | Special Option | Specific factory setting or coating | --- ### 2. Core Electronic Components and Architecture The internal circuitry of the M2VF2-4WE-R2/X1 is divided into three main isolated sections: #### A. Input Stage * **Voltage Divider/Buffer:** High-impedance input circuitry designed to sense the 0–10V signal without loading the source. * **A/D Converter:** Often uses a high-resolution Delta-Sigma modulator to digitize the analog input for processing. #### B. Isolation Barrier * **Optocouplers or Transformer Isolation:** Provides **2000V AC** isolation between input, output 1, output 2, and power. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. #### C. Output Stage (Dual Channels) * **Channel 1 (Current Drive):** A precision current source that converts the processed signal into a 4–20 mA loop. It includes an internal feedback loop to maintain accuracy against load resistance changes. * **Channel 2 (Voltage Drive):** A low-impedance voltage output (1–5 V) designed to interface with standard analog-to-digital cards in controllers. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.1% of span | | **Temperature Coefficient** | ±0.015% per °C | | **Isolation Resistance** | 100 MΩ or more (500V DC) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 4. Typical Wiring Diagram (Simplified) ```text [ Power L ] ----(1) (5)---- [ Output 1 (+) ] [ Power N ] ----(2) (6)---- [ Output 1 (-) ] [ M2VF2 ] [ Input (+) ] --(3) (7)---- [ Output 2 (+) ] [ Input (-) ] --(4) (8)---- [ Output 2 (-) ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the load resistance limits for the 4-20mA output on this model?
    • ⤷ How do I calibrate the Zero and Span settings for the M2VF2?
    • ⤷ Can the X1 suffix indicate a conformal coating for harsh environments?