M2VF2-4WE-R
AI

The **M2VF2-4WE-R** is a specific model within a series of signal conditioners/transmitters, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals.
---
### 1. General Specifications
The model name follows a specific nomenclature that defines its electronic capabilities. Below is a breakdown of the parts and their meanings:
| Component Code | Description |
| :--- | :--- |
| **M2VF2** | **Model Series**: Ultra-slim signal conditioner (V-Unit series). Specifically a variable output type or specialized transmitter. |
| **4** | **Input Signal**: Typically represents a 4–20 mA DC input. |
| **W** | **Output 1 & 2**: Indicates "Dual Output." This device can split one input into two independent output signals. |
| **E** | **Output Signal Type**: Often signifies a 1–5 V DC output for both channels. |
| **R** | **Power Input**: Represents 24V DC power supply requirement. |
---
### 2. Key Electronic Features
The M2VF2 series utilizes several critical electronic sub-systems to ensure signal integrity:
* **Galvanic Isolation:** The device provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side.
* **Signal Conversion:** It utilizes high-precision operational amplifiers and A/D converters to transform a current loop (4-20mA) into a stable voltage signal (1-5V).
* **Zero/Span Adjustment:** On the front panel, there are typically multi-turn potentiometers. These allow fine-tuning of the electronic calibration to compensate for sensor drift.
* **Response Time:** These units are designed for high-speed processing, usually offering a response time of ≤ 0.5 seconds (90% response).
---
### 3. Application Use-Case
In an industrial environment, the M2VF2-4WE-R acts as a bridge between a field sensor and a control system.
1. **Input:** Receives a 4-20mA signal from a flow meter or pressure transmitter.
2. **Processing:** The internal circuitry filters noise and isolates the signal.
3. **Output:** It provides two identical 1-5V signals—one for a local display (HMI) and one for the main controller (PLC).
---
### 4. Technical Summary Table
| Feature | Specification |
| :--- | :--- |
| **Construction** | Plug-in / DIN Rail Mount |
| **Isolation Resistance** | 100 MΩ or more (at 500V DC) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Accuracy** | ±0.1% of span |
| **Power Consumption** | Approx. 3W |
---
- ⤷
What is the pin configuration for the M2VF2-4WE-R wiring?
- ⤷ Can this model be used with an AC power supply instead of 24V DC?
- ⤷ How do I calibrate the span and zero settings on this specific unit?