Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2VF2-01-R2/CE

  • AI
    The **M2VF2-01-R2/CE** is a high-performance, industrial-grade **Signal Conditioner** (specifically a Frequency to DC Converter) manufactured by **M-System**. It is designed to convert pulse frequency signals from various sensors into standard analog signals for PLC or DCS integration. --- ### 1. Core Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2VF2 (Plug-in Signal Conditioner) | | **Input Type** | Pulse/Frequency (Open collector, Voltage pulse, Contact) | | **Output Type** | DC Voltage or Current (Configurable/Specified) | | **Power Input** | 100 – 240V AC or 24V DC (Model dependent) | | **Accuracy** | ±0.1% | | **Response Time** | Max. 0.5 sec (0 to 90%) | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Key Electronic Components & Subsystems The internal architecture of the M2VF2 involves several critical stages to ensure signal integrity: #### A. Input Pulse Processing * **Opto-Isolator:** The input stage typically uses an optical isolator to separate the field sensor from the internal processing logic, protecting the device from high-voltage spikes and ground loops. * **Pulse Shaper:** Converts raw sensor pulses (which may be noisy or have slow rise times) into clean square waves for the CPU/Logic circuit. #### B. Frequency-to-Voltage Conversion (F/V) * **Microprocessor Control:** Modern versions of the M2VF2 use a microcontroller to measure the period between pulses. This allows for higher precision compared to old analog integrator circuits. * **Digital-to-Analog Converter (DAC):** Once the frequency is calculated, a high-resolution DAC converts the digital value into a proportional analog voltage. #### C. Output Drive & Isolation * **Isolation Transformer:** Provides galvanic isolation between the power supply, input, and output (3-way isolation). * **Operational Amplifiers (Op-Amps):** Scale and buffer the output signal (e.g., 4-20mA or 1-5V) to ensure it can drive the connected load without voltage drops. --- ### 3. Application Use Cases This specific part is used in environments where rotational speed or flow rates need to be monitored: 1. **Flow Meters:** Converting pulse outputs from turbine flowmeters into 4-20mA signals. 2. **Motor Speed:** Converting signals from proximity switches or encoders (RPM) into a control signal for a VFD. 3. **Frequency Monitoring:** Tracking the cycles of power generators. --- ### 4. Meaning of "CE" Suffix The **CE** designation indicates that the electronic components and housing meet European Conformity standards regarding: * **Electromagnetic Compatibility (EMC):** Resistance to radio frequency interference. * **Low Voltage Directive:** Safety standards for the internal power circuitry.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for an open collector input on this model?
    • ⤷ How do you calibrate the zero and span for the M2VF2?
    • ⤷ Can this unit handle high-frequency inputs above 10kHz?