Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2UDS2-D2-R2

  • AI
    The **M2UDS2-D2-R2** is a specific model of an **Electronic Digital Counter/Timer** typically manufactured by automation component companies like M-System or similar industrial control providers. It is designed for DIN rail mounting and is used to monitor, display, and control processes based on digital pulse inputs. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | Pulse input (Dry contact, Open collector, or Voltage pulse) | | **Output Type** | Relay Contact Output (denoted by "R2") | | **Power Supply** | 24V DC or 100-240V AC (depending on specific sub-code) | | **Display** | 4 to 6-digit LED or LCD screen | | **Mounting** | DIN Rail Mounting | | **Isolation** | 2000V AC isolation between Input, Output, and Power | --- ### 2. Detailed Component Breakdown #### A. Input Section (Pulse Sensor Interface) The device is designed to interface with various electronic sensors: * **Proximity Switches:** Detects the presence of metal objects. * **Rotary Encoders:** Measures speed or distance via pulse trains. * **Photoelectric Sensors:** Counts items passing on a conveyor. * **Signal Conditioning:** The internal circuitry filters "bounce" from mechanical switches to ensure accurate counting. #### B. The Processor & Memory * **Microcontroller:** The core of the device that processes the high-frequency pulse signals. * **EEPROM/Non-volatile Memory:** Ensures that the current count value is saved even if the power is disconnected, preventing data loss in industrial environments. #### C. Output Control ("R2") The **R2** suffix usually indicates a **Dual Relay Output**. * **Relay 1:** Can be set to trigger when a "Pre-warn" value is reached. * **Relay 2:** Triggers at the final setpoint (e.g., stopping a motor when 1,000 units are counted). #### D. Galvanic Isolation This is a critical electronic feature of the M2UDS2 series. It uses optical or transformer isolation to protect the sensitive internal processor from high-voltage spikes or noise on the power lines or input sensors. --- ### 3. Application Use Cases * **Batch Counting:** Counting products into boxes and stopping the conveyor once the box is full. * **Length Measurement:** Connecting an encoder to measure fabric or cable length. * **Flow Metering:** Converting pulses from a liquid flow meter into total volume units. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire the pulse input for an NPN open collector sensor?
    • ⤷ What is the maximum frequency (Hz) this counter can handle?
    • ⤷ How do I reset the counter value manually or remotely?