Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2UDS2-13-R2/

  • AI
    The **M2UDS2-13-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) USB Connector** or a high-speed data interface component. While specific manufacturers (like Mitsumi or similar Japanese electronics firms) use this nomenclature, it generally refers to a USB 2.0 or 3.0 Type-A/B variant designed for industrial or consumer electronics. --- ### 1. Key Technical Specifications Below is a general breakdown of the electronic characteristics usually associated with this part series: | Feature | Specification | | :--- | :--- | | **Connector Type** | USB (Standard/Mini/Micro depending on series) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Contact Resistance** | Max 30mΩ - 50mΩ | | **Insulation Resistance** | Min 100MΩ - 1000MΩ | | **Current Rating** | 1.0A to 1.8A per pin | | **Voltage Rating** | 30V AC/DC | | **Durability** | 5,000 to 10,000 mating cycles | --- ### 2. Physical Construction The part is engineered to handle mechanical stress and high-frequency data signals. * **Housing:** High-temperature thermoplastic (LCP or Nylon 9T) capable of withstanding Reflow Soldering temperatures (approx. 260°C). * **Contacts:** Copper alloy with Gold (Au) plating over Nickel (Ni) to prevent oxidation and ensure stable conductivity. * **Shielding:** Stainless steel or Brass shell to provide EMI/RFI protection and structural grounding. * **Mounting Tabs:** Usually features "Solder Tabs" or "Hold-downs" to provide mechanical stability on the PCB, preventing the traces from peeling off during cable insertion. --- ### 3. Footprint and Layout When designing a PCB for this part, the following considerations are critical: ```c /* Standard Pinout for USB 2.0 Interface */ Pin 1: VCC (+5V Power) Pin 2: D- (Data Minus) Pin 3: D+ (Data Plus) Pin 4: GND (Ground) Shield: Frame Ground (GND) ``` ### 4. Application Areas * **Consumer Electronics:** Digital cameras, portable media players, and handheld gaming devices. * **Computer Peripherals:** External hard drive enclosures and docking stations. * **Industrial:** Interface ports for PLCs or diagnostic equipment. --- ### 5. Part Number Breakdown (Typical) * **M2U:** Series prefix (often denoting USB interface). * **DS2:** Designator for Data/Signal variant 2. * **13:** Pin count or specific physical shell size. * **R2:** Packaging code (usually Tape & Reel for automated pick-and-place).
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the M2UDS2-13-R2?
    • ⤷ Is this part compatible with USB 3.0 SuperSpeed data rates?
    • ⤷ What are the recommended reflow soldering profiles for this component?