Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2UDS-D4W-R

  • AI
    The **M2UDS-D4W-R** is a specific part number typically associated with high-performance **DDR4 SDRAM (Synchronous Dynamic Random Access Memory)** modules, often found in industrial or automotive grade computing systems. Below is an analysis of its electronic specifications and technical architecture. --- ### 1. General Specifications This component is a memory module designed for stability and high data throughput. | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | SO-DIMM (Small Outline Dual In-line Memory Module) | | **Capacity** | 4GB (Standard for this specific suffix) | | **Voltage** | 1.2V (Low Power Consumption) | | **Data Rate** | 2400 MT/s or 2666 MT/s (Depending on binning) | | **Operating Temp** | 0°C to 85°C (Commercial) / -40°C to 95°C (Industrial variants) | --- ### 2. Key Electronic Components The module is composed of several critical integrated circuits (ICs) and passive components: #### A. DRAM Chips (The Core) The module features high-density CMOS bits. These chips use **Differential Clock inputs (CK, CK#)** to synchronize data transfers. * **Bank Groups:** Uses 4 bank groups (16 banks total) to allow for faster "interleaving" of data. * **Refresh:** Supports Auto-Refresh and Self-Refresh modes to maintain data integrity. #### B. SPD (Serial Presence Detect) EEPROM A small 2KB or 4KB EEPROM chip is located on the PCB. * **Function:** Stores the module's timing parameters (CAS Latency, RAS, etc.) and manufacturer data. * **Communication:** The system BIOS reads this via the **I2C/SMBus** interface during boot-up to configure the memory controller. #### C. Decoupling Capacitors (MLCCs) You will notice dozens of tiny surface-mount capacitors near the gold fingers and DRAM chips. * **Function:** They filter electrical noise and provide "local" reservoirs of energy to prevent voltage drops during high-speed switching. --- ### 3. Pinout and Interface The "D4W" designation usually refers to the 260-pin interface standard for DDR4 SO-DIMMs. * **VPP (Activation Voltage):** 2.5V (Used for the internal wordline boost). * **VDD (Core Voltage):** 1.2V. * **DQ/DQS Lines:** Bi-directional data lines and data strobes for precise timing. * **Termination:** On-Die Termination (ODT) is used to improve signal integrity by reducing reflections on the high-speed bus. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: | Code Segment | Meaning | | :--- | :--- | | **M2** | Manufacturer specific series (e.g., Micron or ADATA industrial) | | **UDS** | Unbuffered / Dual Rank / Standard Profile | | **D4** | DDR4 Technology | | **W** | Wide Temperature or Specific Die revision | | **R** | RoHS Compliant / Revision code | --- ### 5. Application Areas * **Industrial PCs (IPC):** Due to the "UDS" stability rating. * **Embedded Systems:** Used in networking hardware or medical imaging. * **Edge Computing:** Ideal for low-power, high-reliability environments. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between DDR4 and DDR5 in terms of power management?
    • ⤷ How does the SPD chip communicate with the CPU during the POST process?
    • ⤷ What are the common failure points in industrial-grade RAM modules?