Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2UDS-D4-R

  • AI
    The **M2UDS-D4-R** is a specific model within the **M2UDS Series** of digital panel meters (transducers) manufactured by **M-System**. These devices are primarily used in industrial automation to monitor and display process signals. --- ### 1. Model Code Breakdown To understand the electronic capabilities of the `M2UDS-D4-R`, we must decode the suffix: | Code Segment | Description | Specification | | :--- | :--- | :--- | | **M2UDS** | Series Name | Digital Multi-Unit (Transducer) | | **D** | Input Signal | DC Current / Voltage (Universal) | | **4** | Output Signal | 4 to 20 mA DC | | **R** | Power Input | 24V DC | --- ### 2. Key Electronic Components & Internal Functions The M2UDS-D4-R operates through several core electronic stages: #### A. Input Stage (Signal Conditioning) * **Universal Input:** The electronic circuitry is designed to handle various DC signals (0-10V, 4-20mA, etc.) via a high-precision analog-to-digital converter (ADC). * **High Impedance:** Designed to minimize loading effects on the source sensor. #### B. Isolation Barrier * **Three-Way Isolation:** The electronics provide galvanic isolation between the **Input**, **Output**, and **Power Supply**. * **Dielectric Strength:** Usually rated for 2000V AC per minute, protecting sensitive PLC/DCS equipment from ground loops and surges. #### C. Microprocessor & Display * **Digital Processing:** A central microcontroller (MCU) handles linear conversion, scaling, and digital filtering to ensure signal stability. * **Display:** Features a 4-digit LED display (red) for local monitoring of the process value. #### D. Output Driver * **Current Loop:** A precision operational amplifier and transistor stage generate the 4-20mA DC output. * **Load Resistance:** Capable of driving loads up to 550 $\Omega$. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Resistance** | 1 M$\Omega$ min. (for voltage); 100 $\Omega$ (for current) | | **Accuracy** | $\pm$0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | | **Power Consumption** | Approx. 3W | | **Mounting** | DIN Rail (M2 series socket) | --- ### 4. Circuit Protection Features * **Over-current protection:** Limits the output to prevent damage during a fault. * **Polarity Protection:** Prevents damage if the 24V DC power supply is wired backwards. * **Noise Filtering:** Internal capacitors and inductors reduce electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the zero and span on an M2UDS unit?
    • ⤷ What is the wiring pinout for the 24V DC power input on the M2 series socket?
    • ⤷ Can the M2UDS-D4-R be configured for a 1-5V output instead of 4-20mA?