Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2TT-N1-R2/N

  • AI
    The **M2TT-N1-R2/N** is a specific model identifier for a **Solid State Signal Conditioner (Isolator)**, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field instruments and control systems (PLCs/DCS). --- ## 1. Technical Specification Breakdown The model number typically follows a modular nomenclature. Here is a breakdown of what the "N1-R2/N" electronic configuration represents: | Component Code | Meaning | Description | | :--- | :--- | :--- | | **M2TT** | Base Model | Thermocouple Transmitter (Mini-M Series) | | **N1** | Input Type | Typically designates a specific thermocouple type (e.g., Type K) | | **R** | Power Input | 24V DC Power supply | | **2** | Output Type | 4 - 20 mA DC (Current output) | | **N** | Standards/Options | Usually indicates "No special options" or specific terminal covers | --- ## 2. Key Electronic Features The internal circuitry of the M2TT-N1-R2/N focuses on signal integrity and protection: ### A. Signal Isolation This unit provides **3-port isolation**. This means the **Input**, **Output**, and **Power Supply** are all electrically independent. This prevents ground loops and protects sensitive control equipment from high-voltage surges in the field. ### B. Cold Junction Compensation (CJC) Since this is a Thermocouple transmitter, it contains a high-precision internal thermistor or transistor-based sensor at the input terminals. This electronic component measures the temperature at the connection point to compensate for the "Cold Junction," ensuring the millivolt reading matches the actual temperature. ### C. Linearization Thermocouple signals are inherently non-linear. The internal electronics perform analog or digital linearization to ensure the 4-20mA output is directly proportional to the temperature scale. --- ## 3. Wiring and Connection Diagram | Terminal No. | Function | Connection Type | | :--- | :--- | :--- | | 1 | Input (+) | Thermocouple Positive | | 2 | Input (-) | Thermocouple Negative | | 4 | Output (+) | 4-20mA Signal to PLC | | 5 | Output (-) | Signal Ground | | 7 | Power (+) | +24V DC | | 8 | Power (-) | 0V DC | --- ## 4. Operational Environment * **Burnout Protection:** The electronic logic is designed to drive the output to a specific limit (e.g., 20mA+) if the thermocouple wire breaks. * **Response Time:** Typically $\leq$ 0.5 seconds for a 0-90% step change. * **Mounting:** Designed for DIN rail mounting with a plug-in base for easy maintenance.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on this unit?
    • ⤷ What is the maximum load resistance for the 4-20mA output?
    • ⤷ Can this model be used with an RTD sensor instead of a thermocouple?