M2TT-8B-R
AI

The **M2TT-8B-R** is a specific model of a miniature toggle switch, typically manufactured by **NKK Switches**. It is part of the M2 series, designed for process-sealed applications and PC board mounting.
### 1. Component Specifications
The following table outlines the key electrical and physical characteristics of the M2TT-8B-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON |
| **Current Rating (AC/DC)** | 0.4VA Max @ 28V AC/DC Max |
| **Mounting Type** | Through Hole, Right Angle |
| **Termination Style** | PC Pin |
| **Actuator Type** | Bat Lever / Standard |
| **Environmental Protection** | Process Sealed (Washable) |
---
### 2. Key Electronic Parts & Materials
The internal and external construction of the switch involves several critical components:
* **Contacts & Terminals:** Usually gold-plated over nickel or silver. The gold plating ensures high reliability for "dry circuits" (low energy applications) by preventing oxidation.
* **Housing/Base:** Made from Glass-Fiber Reinforced Polyamide (or similar high-temperature thermoset plastic). This allows the part to withstand wave soldering temperatures.
* **Internal Mechanism:** Features a "Double-Action" or "Bifurcated" contact mechanism in many M2 series models, which ensures a stable connection even under vibration.
* **Sealing:** Includes an O-ring at the actuator base and an epoxy seal at the terminal base to prevent flux or cleaning solvents from entering the switch during PCB processing.
---
### 3. Pinout & Circuitry
As a **DPDT** switch with an **ON-ON** function, it has 6 terminals.
```text
Terminal Layout (Bottom View):
[1] [4] <-- Pole A / Pole B
[2] [5] <-- Common A / Common B
[3] [6] <-- Pole A / Pole B
```
* **Position 1:** Terminals 2-1 and 5-4 are connected.
* **Position 2:** Terminals 2-3 and 5-6 are connected.
---
### 4. Applications
Due to its low-power rating (0.4VA) and right-angle mounting, this part is commonly used in:
* Handheld medical devices.
* Telecommunications testing equipment.
* Industrial control panels requiring high-density PCB layouts.
- ⤷
What is the difference between a 0.4VA rating and a standard Ampere rating?
- ⤷ Can this switch be used in a manual soldering process?
- ⤷ Does the M2TT-8B-R have a locking lever option?