M2TT-7D-R
AI

## M2TT-7D-R Component Overview
The **M2TT-7D-R** is a specific part number typically associated with **M2 series toggle switches** manufactured by **NKK Switches**. These components are widely used in industrial, medical, and aerospace applications due to their high reliability and compact design.
---
### 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the M2TT-7D-R:
| Attribute | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-NONE-ON |
| **Current Rating** | 6A @ 125V AC / 3A @ 250V AC |
| **Termination Style** | PC Pin (Through-hole mounting) |
| **Contact Material** | Silver / Gold plating options |
| **Mechanical Life** | 100,000 cycles minimum |
| **Operating Temp** | -30°C to +85°C |
---
### 2. Key Features and Construction
The M2 series is known for its "Process Sealed" design, making it suitable for modern manufacturing environments.
* **Antistatic Structure:** The internal mechanism is designed to minimize the risk of electrostatic discharge (ESD) damaging sensitive internal components.
* **Bushing Mount:** Features a threaded bushing for secure panel mounting, providing stability against physical vibration.
* **Sealing:** The switch is often sealed with an O-ring or epoxy to protect the internal contacts from flux, cleaning solvents, and environmental contaminants during the soldering process.
* **Contact Mechanism:** Utilizes a "Cylindrical Contact" mechanism that ensures high contact reliability and consistent electrical conductivity.
---
### 3. Circuit Logic (DPDT)
The Double Pole Double Throw (DPDT) configuration allows this switch to control two separate circuits simultaneously.
```text
Position 1 (Left):
Pole A connected to Pin 1
Pole B connected to Pin 4
Position 2 (Right):
Pole A connected to Pin 2
Pole B connected to Pin 5
```
---
### 4. Common Applications
* **Test and Measurement:** Used in handheld instruments and diagnostic tools.
* **Telecommunications:** Signal switching in networking hardware.
* **Control Panels:** Manual override switches in industrial automation.
* **Audio/Visual:** Input selection in professional audio equipment.
- ⤷
What are the differences between the M2TT and the M2B series switches?
- ⤷ Can this switch be used for low-level logic switching applications?
- ⤷ What is the recommended soldering temperature for the M2TT-7D-R?