Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2TT-63-R2

  • AI
    The **M2TT-63-R2** is a specialized high-performance RF (Radio Frequency) component, specifically a **reflective high-power SPDT (Single Pole Double Throw) PIN diode switch**. It is designed for demanding military and industrial applications requiring fast switching and high power handling. --- ## 1. Core Technical Specifications The following table outlines the primary electronic characteristics of the M2TT-63-R2: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Frequency Range** | 2.0 – 18.0 GHz | Broad bandwidth coverage | | **Insertion Loss** | 2.5 dB (Max) | Signal loss when the switch is "ON" | | **Isolation** | 60 dB (Min) | Signal leakage to the "OFF" port | | **Switching Speed** | 100 ns (Max) | Time to toggle between ports | | **Input Power (CW)** | 2.0 Watts | Continuous Wave power handling | | **VSWR** | 2.0:1 | Impedance matching (Voltage Standing Wave Ratio) | | **Control Logic** | TTL | Transistor-Transistor Logic compatible | --- ## 2. Key Internal Components The "Electronic Parts" within this module consist of high-reliability circuitry integrated into a compact housing: ### A. PIN Diode Array The heart of the switch. Unlike standard mechanical switches, this uses **PIN diodes** as variable resistors. * When forward-biased, they allow the RF signal to pass with low resistance. * When reverse-biased, they create high impedance to block the signal. ### B. Integrated Driver Circuitry The M2TT-63-R2 includes an internal **TTL-compatible driver**. This allows a low-power digital signal (0V or 5V) to control the high-speed biasing of the PIN diodes. This eliminates the need for the user to design complex bias networks. ### C. Bias Tees and Filters Internal capacitors and inductors (Bias Tees) are used to inject the DC control current into the RF path while preventing the high-frequency RF signal from leaking back into the DC power supply or control lines. --- ## 3. Physical & Environmental Attributes * **Connector Types:** Typically utilizes SMA Female connectors for RF input/outputs. * **Housing:** Gold-plated or nickel-plated machined aluminum for EMI (Electromagnetic Interference) shielding and thermal management. * **Operating Temperature:** Generally rated for **-55°C to +85°C**, making it suitable for aerospace and defense environments. --- ## 4. Typical Applications 1. **Radar Systems:** Switching between transmit and receive modes or alternating between different antenna feeds. 2. **Electronic Warfare (EW):** Rapidly modulating signals to confuse or jam enemy sensors. 3. **Test Equipment:** Automated switching in RF laboratories for multi-device testing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between reflective and absorptive versions of this switch?
    • ⤷ What are the specific DC voltage requirements to power the internal driver?
    • ⤷ How does the insertion loss vary across the 2-18 GHz frequency range?