M2TS-0B-R2/UL
AI

The **M2TS-0B-R2/UL** is a specific model of an **Automatic Transfer Switch (ATS)**, typically produced by manufacturers like **Delta** or **Raritan**. It is designed for high-availability power environments such as data centers or server rooms.
---
### 1. Device Overview
The primary function of this electronic part is to provide **power redundancy** to single-corded network equipment. It accepts two independent power sources (Source A and Source B) and automatically switches to the secondary source if the primary source fails.
### 2. Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the M2TS-0B-R2/UL:
| Component / Feature | Specification |
|:---|:---|
| **Input Voltage** | 200V - 240V AC |
| **Current Rating** | 16A (or 20A depending on regional UL derating) |
| **Input Plugs** | Dual IEC-320 C20 |
| **Output Outlets** | Multiple (Typically 8x C13 and 1x C19) |
| **Switching Time** | < 10ms to 15ms (Typical) |
| **Form Factor** | 1U Rackmount |
| **Safety Standard** | UL/cUL Listed |
---
### 3. Key Electronic Sub-Systems
#### A. Sensing Circuitry
The device contains internal sensors that constantly monitor the **voltage** and **frequency** of the primary power source. If the voltage drops below a specific threshold (brownout) or disappears entirely (blackout), the logic board triggers the switch.
#### B. Fast-Switching Relays/SCRs
To ensure the connected server does not reboot during a transfer, the M2TS-0B-R2/UL uses high-speed switching components.
* **Transfer Time:** It is fast enough that the power supplies (PSUs) of the connected equipment can "ride through" the interruption using their internal capacitors.
#### C. Network Management Card (NMC)
Many "R2" models include an integrated web interface or SNMP support.
* **Monitoring:** Allows remote monitoring of current load (Amps).
* **Alerting:** Sends emails or SNMP traps if a power source is lost.
#### D. Built-in Circuit Breakers
The unit includes resettable thermal breakers to protect against overcurrent conditions, preventing damage to the internal busbars and the upstream power distribution.
---
### 4. Application Logic
The M2TS-0B-R2/UL operates on a **Primary/Secondary** logic:
1. **Normal Mode:** Source A feeds the load. Source B is on standby.
2. **Fault Mode:** Source A fails. The ATS switches to Source B in milliseconds.
3. **Recovery:** Once Source A is stable again, the ATS can be configured to "Auto-Retransfer" back to the primary source.
---
- ⤷
What is the maximum power load in Watts for the M2TS-0B-R2/UL?
- ⤷How does the switching time of this ATS compare to a standard UPS?
- ⤷Can this model be managed remotely via SNMP or a web browser?