M2SES-1C1-R
AI

The **M2SES-1C1-R** is a high-performance **Shortwave Infrared (SWIR)** sensor module, primarily developed for industrial inspection, sorting, and surveillance applications. It belongs to the M2SES series often utilized in machine vision.
---
## 1. Core Specifications
The electronic architecture of the M2SES-1C1-R is centered around its InGaAs (Indium Gallium Arsenide) sensor technology.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | InGaAs (Indium Gallium Arsenide) |
| **Spectral Range** | 900 nm to 1700 nm (SWIR) |
| **Resolution** | Typically 640 x 512 pixels |
| **Pixel Pitch** | 15 µm |
| **Interface** | Digital (Parallel/LVDS or Camera Link depending on baseboard) |
| **Cooling** | Integrated TEC (Thermoelectric Cooling) |
---
## 2. Key Electronic Components
### A. InGaAs Focal Plane Array (FPA)
The heart of the module is the InGaAs sensor. Unlike standard CMOS/CCD sensors that detect visible light, this FPA is sensitive to the SWIR band. This allows the electronics to "see" through certain plastics, detect moisture, or differentiate between materials that look identical in visible light.
### B. Read-Out Integrated Circuit (ROIC)
The ROIC is bonded directly to the InGaAs detector. Its functions include:
* **Signal Collection:** Converting the charge generated by the detector into a voltage.
* **Integration Modes:** Supporting "Integrate-Then-Read" (ITR) or "Integrate-While-Read" (IWR) for high-speed imaging.
* **High Dynamic Range (HDR):** Managing varying light intensities to prevent pixel saturation.
### C. Thermoelectric Cooler (TEC)
SWIR sensors generate "dark current" (thermal noise) which can degrade image quality. The M2SES-1C1-R includes an internal TEC and a thermistor to:
* Stabilize the sensor temperature.
* Maintain a constant dark-level offset.
* Ensure high Signal-to-Noise Ratio (SNR) in varying ambient temperatures.
---
## 3. Signal Flow & Processing
1. **Detection:** SWIR photons hit the InGaAs layer, creating electron-hole pairs.
2. **Analog-to-Digital Conversion (ADC):** The ROIC or an external high-speed ADC converts the analog signals into a 14-bit or 16-bit digital stream.
3. **On-board Correction:** The module often performs **NUC (Non-Uniformity Correction)**. Because InGaAs pixels are not perfectly uniform, the electronics apply "Gain" and "Offset" maps to ensure a flat field image.
4. **Output:** The corrected data is sent via the hardware pins to the host system or camera grabber.
---
## 4. Typical Applications
The electronic sensitivity of this part makes it specific to these use cases:
* **Silicon Wafer Inspection:** Seeing through silicon to find internal cracks.
* **Fruit/Vegetable Sorting:** Detecting bruising or moisture content.
* **Surveillance:** Seeing through fog, haze, and smoke.
* **Chemical Sensing:** Identifying specific chemical compounds based on SWIR absorption.
- ⤷What are the mounting and power requirements for the M2SES-1C1-R module?
- ⤷ How does InGaAs technology differ electronically from standard CMOS sensors?
- ⤷ Does this module require specific proprietary software for image processing?