Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2RTS-R-2G-RSLASHUL

  • AI
    The **M2RTS-R-2G-R/UL** is a specialized high-performance industrial relay/socket assembly, typically manufactured by companies like **Altech Corp** or similar industrial control providers. This specific part number refers to a **dual-channel (2G) relay module** designed for DIN-rail mounting and industrial signal isolation. --- ### 1. Part Number Breakdown Understanding the electronic capabilities through the nomenclature: | Code Segment | Meaning | Electronic Significance | | :--- | :--- | :--- | | **M2RTS** | Series Name | Miniature Relay Terminal System. | | **R** | Relay Type | Removable/Replaceable electromechanical relay. | | **2G** | 2 Groups / Channels | Contains two independent relay channels in one housing. | | **R** | Reverse Polarity Protection | Includes an integrated free-wheeling diode to protect the circuit. | | **UL** | Safety Certification | UL Listed for North American industrial standards. | --- ### 2. Key Electronic Components & Features This module is more than just a switch; it contains several integrated electronic components to ensure safe operation within a PLC (Programmable Logic Controller) environment. #### A. The Electromechanical Relay (The Core) * **Switching Capacity:** Usually rated for **8A to 16A** at 250VAC/30VDC (depending on specific sub-model). * **Contact Material:** Typically Silver Nickel (AgNi) for high conductivity and resistance to contact welding. * **Coil Voltage:** Usually 24V DC, which is the standard for industrial automation. #### B. Protection Circuitry * **Free-Wheeling Diode:** Connected in parallel with the relay coil. When the coil is de-energized, the magnetic field collapses, creating a voltage spike (back-EMF). The diode suppresses this spike to protect the driving transistor or PLC output. * **LED Status Indicator:** A surface-mount LED is integrated into the module to provide visual confirmation of the "ON" state. #### C. Input/Output Isolation * Provides **Galvanic Isolation** between the low-voltage control side (logic) and the high-voltage power side (load). This prevents electrical noise or faults on the load side from damaging the control CPU. --- ### 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Input (Coil) Voltage** | 24V DC | | **Contact Configuration** | SPDT (Single Pole Double Throw) per channel | | **Max Switching Voltage** | 250V AC / 110V DC | | **Mounting Type** | DIN Rail (35mm) | | **Wiring Connection** | Screw terminals or Spring clamps | | **Operating Temperature** | -20°C to +55°C | --- ### 4. Application Example In an industrial control panel, the **M2RTS-R-2G-R/UL** acts as the interface between a 24V DC PLC output and a 230V AC Motor Starter. 1. The PLC sends a 24V signal to the **Coil**. 2. The **LED** lights up. 3. The **Relay Contacts** close, allowing the 230V AC current to flow to the motor. 4. When the PLC turns off, the **Diode** absorbs the energy spike.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2RTS-R-2G-R/UL contacts?
    • ⤷ Can this relay module be used with AC control voltages instead of DC?
    • ⤷ How do I replace the individual relay if the contacts fail?