M2RS-4G-R2
AI

The **M2RS-4G-R2** is a specialized industrial-grade communication module, typically used in embedded systems or IoT gateways to provide high-speed 4G LTE connectivity. Below is a breakdown of its core electronic components and specifications.
---
### 1. Key Technical Specifications
| Component | Description |
| :--- | :--- |
| **Interface Type** | M.2 (NGFF) Key B |
| **Network Support** | 4G LTE Cat 4 (Region-specific bands) |
| **Maximum Data Rate** | 150 Mbps Downlink / 50 Mbps Uplink |
| **Operating Voltage** | 3.3V DC (Standard M.2 supply) |
| **Connector** | 2x IPEX/U.FL for main/diversity antennas |
---
### 2. Core Electronic Parts
The M2RS-4G-R2 consists of several critical layers of circuitry designed for reliability in industrial environments:
#### A. The Baseband Processor (The Brain)
This is the primary SoC (System on Chip) that handles the cellular protocol stack. It manages the conversion of digital data into radio frequency signals and handles encryption/decryption.
#### B. Radio Frequency (RF) Frontend
* **Power Amplifiers (PA):** Boosts the signal strength for transmission to distant cell towers.
* **Low Noise Amplifiers (LNA):** Sensitive components that amplify weak incoming signals from the antenna without adding significant noise.
* **SAW Filters:** Surface Acoustic Wave filters that ensure only the desired frequency bands are processed, preventing interference from other radio sources.
#### C. Power Management Integrated Circuit (PMIC)
Since the module operates on a standard 3.3V rail from the M.2 slot, the internal PMIC steps this voltage down (often to 1.2V or 1.8V) to power the sensitive digital logic and the RF components efficiently.
#### D. SIM Interface
The module includes pins for a **USIM interface**. While the physical tray might be on the carrier board, the M2RS-4G-R2 contains the level shifters necessary to communicate with 1.8V or 3V SIM cards.
---
### 3. Physical Interface Pins (M.2 Key B)
The electronic connection to the host system is handled through a 75-pin gold finger connector. Key signals include:
1. **USB 2.0/3.0 Lines:** The primary data path between the module and the CPU.
2. **RESET_N:** A hardware pin used to reboot the module if the software hangs.
3. **W_DISABLE#:** A pin used to disable radio transmission (Airplane Mode).
4. **LED_WWAN#:** A status signal to drive an external LED for network activity.
---
### 4. Environmental Protection
The "R2" designation often implies a specific hardware revision or "Rugged" industrial rating. The electronics are typically protected by:
* **EMI Shielding:** A metal "can" covering the components to prevent electromagnetic interference.
* **Industrial Temperature Range:** Designed to operate between **-40°C to +85°C**.
- ⤷
What are the compatible M.2 slot keys for this module?
- ⤷ Does the M2RS-4G-R2 support GPS/GNSS functionality?
- ⤷ What is the typical power consumption during active LTE transmission?