M2RS-3B-R2/N
AI

The **M2RS-3B-R2/N** is a specific model of an **Industrial Interface Relay** (often associated with brands like Panasonic or specialized industrial control suppliers). It is designed to act as an intermediary between low-power control circuits (like a PLC) and high-power load circuits.
---
### 1. General Specifications
The part number typically breaks down into technical attributes regarding its voltage, contact arrangement, and mounting style.
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Slim Interface Relay / Electromagnetic |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Coil Voltage** | Typically 24V DC (Standard for /N suffix in many series) |
| **Switching Capacity** | Up to 6A at 250V AC / 30V DC |
| **Mounting Type** | DIN Rail Mounting (via socket) or PCB |
| **Terminal Type** | Screw terminals (on the socket base) |
---
### 2. Key Electronic Components & Design
The device consists of several critical electronic sub-parts that work together to provide isolation and switching.
#### A. The Electromagnetic Coil
* **Function:** Converts electrical energy into a magnetic field.
* **Detail:** When the rated voltage (e.g., 24V) is applied, the coil creates a magnetic pull that moves the internal armature to change the state of the contacts.
#### B. The Contact System (Silver Alloy)
* **Material:** Often AgSnO2 (Silver Tin Oxide) for high arc resistance.
* **Configuration:** It features a Common (COM), Normally Open (NO), and Normally Closed (NC) set of pins.
#### C. Protection Circuitry (The "R2" and "/N" designation)
Interface relays in this series often include built-in protection components:
* **LED Indicator:** A small green or red LED to show when the coil is energized.
* **Flyback Diode (Damping Diode):** Protects the driving transistor or PLC output from inductive voltage spikes when the coil is de-energized.
* **Polarity Protection:** Ensures the relay is not damaged if the DC input is wired backward.
---
### 3. Application Use Cases
This part is commonly used in the following electronic environments:
1. **PLC Output Isolation:** Protecting expensive PLC outputs from back-EMF or short circuits in the field.
2. **Signal Multiplication:** Using one low-power signal to trigger a larger load.
3. **Voltage Conversion:** Using a 24V DC control signal to switch a 230V AC motor or light.
---
### 4. Connection Diagram (Simplified)
```text
Control Side (Input) Load Side (Output)
[ +24V ] ----( Coil )---- [ 0V ] [ COM ] ---|--- [ NC ]
|
[ NO ]
```
- ⤷
What is the maximum switching frequency for the M2RS-3B-R2/N?
- ⤷ Does this model require a specific DIN rail socket for installation?
- ⤷ Can this relay be used with AC control voltages instead of DC?