M2REB-SCA-R/Q
AI

The **M2REB-SCA-R/Q** is a high-performance, automotive-grade system-on-module (SoM) or controller typically used in advanced driver-assistance systems (ADAS) and cockpit electronics. It is part of the **R-Car family** (specifically targeting the V3M or V3H series) designed by Renesas Electronics.
---
### 1. Key Technical Specifications
The "R/Q" suffix usually denotes specific packaging or qualification grades (such as AEC-Q100 for automotive reliability).
| Component | Description |
| :--- | :--- |
| **Processor Arch** | Dual or Quad ARM Cortex-A53 cores + Dual Cortex-R7 (Real-time) |
| **GPU/Accelerator** | Integrated PowerVR GPU and dedicated Image Recognition Engine |
| **Memory Support** | LPDDR4 / LPDDR4X SDRAM |
| **Storage Interface** | eMMC 5.1 and HyperFlash support |
| **Video Processing** | ISP (Image Signal Processor) for 4K camera input |
| **Automotive Grade** | ASIL-B / ASIL-C safety compliance |
---
### 2. Functional Blocks
The electronic architecture of this part is divided into three main functional domains:
#### A. Vision & AI Acceleration
This part features dedicated hardware for computer vision. It includes:
- **IMP-X5:** A specialized programmable engine for image processing.
- **CNN Acceleration:** Hard-coded logic to run deep learning inference (object detection, lane departure warnings).
#### B. Connectivity Interfaces
To function within a vehicle's electronic control unit (ECU), it utilizes:
- **CAN/CAN-FD:** For communication with the vehicle's body control module.
- **Ethernet AVB/TSN:** High-speed data transfer for sensor fusion.
- **LVDS/MIPI CSI-2:** For direct high-definition camera inputs.
#### C. Power Management (PMIC)
The "M2" series modules are usually paired with a specific **Power Management Integrated Circuit (PMIC)**. This ensures the complex voltage rails (0.8V for core, 1.1V for DDR, 3.3V for I/O) are sequenced correctly to prevent thermal runaway.
---
### 3. Application Use Cases
1. **Front Camera Systems:** Real-time traffic sign recognition and pedestrian detection.
2. **Surround View:** Stitching images from four or more cameras to create a 360-degree bird's-eye view.
3. **Sensor Fusion:** Combining Radar and Camera data to provide adaptive cruise control.
---
### 4. Hardware Pinout & Form Factor
The module typically utilizes a high-density BGA (Ball Grid Array) or a specialized board-to-board connector system to maintain signal integrity under high-vibration automotive environments.
- ⤷
What are the specific power requirements for the M2REB series?
- ⤷ How does the IMP-X5 engine differ from a standard GPU in this chip?
- ⤷ Which Renesas R-Car SoC generation does this part belong to?