M2REB-SAD-R
AI

The **M2REB-SAD-R** is a specific part number typically associated with the **M2 Series** of miniature tactile or pushbutton switches, often manufactured by companies like **NKK Switches**.
Below is a detailed breakdown of the electronic components, specifications, and nomenclature associated with this part.
---
### 1. Component Overview
The M2REB-SAD-R is a **Miniature Pushbutton Switch** designed for PCB (Printed Circuit Board) mounting. It belongs to a series known for its reliability, tactile feedback, and compact footprint.
### 2. Part Number Breakdown (Nomenclature)
While exact prefixes can vary by manufacturer, the standard breakdown for this series is as follows:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2** | Series Series | Miniature Pushbutton Series |
| **REB** | Switch Action | Momentary action (On-Mom) |
| **SAD** | Terminal/Mounting | Straight PC terminals with bracket |
| **-R** | Contact Material | Gold contacts (Logic Level) |
---
### 3. Key Electronic Specifications
These switches are primarily used for low-power signal switching.
* **Contact Rating:** Typically **0.4VA maximum @ 28V AC/DC maximum**. This indicates it is a "Logic Level" switch, not intended for high-power mains.
* **Contact Resistance:** Generally less than **50 milliohms**.
* **Insulation Resistance:** 1,000 Megohms minimum @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts for at least one minute.
* **Mechanical Life:** Often rated for **200,000 cycles** or more.
* **Operating Temperature:** Range typically spans from **-30°C to +85°C**.
---
### 4. Physical & Material Composition
The "parts" inside the switch consist of high-quality materials to ensure longevity:
1. **Plunger/Actuator:** Usually made of Polyamide or Polyacetal.
2. **Housing/Case:** Glass fiber reinforced Polyamide (high heat resistance for soldering).
3. **Movable Contacts:** Phosphor bronze with gold plating.
4. **Terminals:** Brass with gold over nickel plating. The **"SAD"** designation specifically refers to the layout of the pins and the support bracket that provides mechanical stability when pushed.
---
### 5. Common Applications
* **Telecommunications:** Network equipment reset buttons.
* **Industrial Controls:** Parameter adjustment on PLCs.
* **Medical Equipment:** Interface controls for handheld devices.
* **Computing:** Peripheral input and internal configuration switches.
- ⤷
What is the difference between silver and gold contacts in the M2 series?
- ⤷ How does the 'SAD' mounting style differ from standard 'PC' mounting?
- ⤷ Can this switch be used for 120V AC applications?