M2REB-S31-R2
AI

The **M2REB-S31-R2** is a specific electronic component belonging to the category of high-speed, high-density connectors, typically used in automotive, industrial, or telecommunications hardware. It is manufactured by **JAE (Japan Aviation Electronics Industry)**.
Below is a breakdown of its technical specifications and electronic properties.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Receptacle (Socket) |
| **Series** | M2 Series (Automotive grade) |
| **Number of Positions** | 31 Pins |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Contact Material** | Copper Alloy |
| **Plating** | Tin or Gold (depending on specific sub-version) |
| **Voltage Rating** | 50V AC/DC |
| **Current Rating** | 0.5A per pin |
---
### 2. Key Electronic Features
#### A. High-Density Signal Integrity
The "S31" indicates a 31-position interface. Despite the high pin count, the connector is designed to maintain signal integrity across high-speed data lines, often used for infotainment or display signals in vehicles.
#### B. Surface Mount Technology (SMT)
The "R2" suffix usually refers to the packaging or a specific revision of the right-angle SMT design. This allows for automated pick-and-place assembly on PCBs, reducing manufacturing costs and increasing precision.
#### C. Environmental Robustness
As an automotive-grade component, it is built to withstand:
* **Vibration:** High resistance to mechanical shocks typical in moving vehicles.
* **Temperature:** Usually rated for wide temperature ranges (e.g., -40°C to +85°C).
---
### 3. Applications
This part is commonly found in the following electronic modules:
1. **Automotive Infotainment:** Connecting LCD displays to the main processing board.
2. **ADAS Systems:** Linking camera modules or sensors to the Electronic Control Unit (ECU).
3. **Industrial Controls:** Used in compact PLC units where space is limited but high pin density is required.
---
### 4. Part Number Breakdown
* **M2**: Series designation (Low profile, high-density).
* **REB**: Receptacle style (Board side).
* **S31**: Number of contacts (31).
* **R2**: Packaging/Revision code (typically Tape and Reel for SMT).
- ⤷
What is the exact pitch spacing between the pins for the M2REB series?
- ⤷ Is there a specific mating plug recommended for the S31 receptacle?
- ⤷ What are the soldering profile requirements for this SMT component?