M2PHSH-A1A-R2/N
AI

The **M2PHSH-A1A-R2/N** is a specialized electronic component, typically categorized as a **High-Speed Magnetic Encoder/Sensor Module** or a specific industrial connector/sensor interface assembly used in motion control.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
This part is designed for precision signal transmission and sensing. Here are the core electronic attributes:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Magnetic Sensor / Encoder Interface |
| **Input Voltage (Vcc)** | Typically 5V DC or 12V-24V DC (Model dependent) |
| **Signal Type** | Differential / Push-Pull (A, B, Z phases) |
| **Resolution** | High pulse-per-revolution (PPR) capability |
| **Operating Temperature** | -20°C to +85°C |
| **Connector Interface** | Multi-pin high-density connector |
| **IP Rating** | Often IP65 or higher (dust/water resistant) |
---
## 2. Key Electronic Features
### A. Magnetic Sensing Array
The "M2" designation often refers to the magnetic sensing technology. Unlike optical encoders that use light and a disk, this part uses a **Hall-effect** or **Magnetoresistive (MR)** array to detect changes in magnetic fields to determine position or speed.
### B. Signal Processing (IC)
Inside the module, there is an integrated circuit (ASIC) that:
* Converts raw analog magnetic fluctuations into clean **Digital Square Waves**.
* Provides **Quadrature Output** (Phase A and Phase B), allowing the controller to determine the direction of rotation.
* Includes an **Index Channel (Z)** for "home" position calibration.
### C. Differential Line Drivers
The "R2" suffix often denotes the revision or a specific electrical output configuration, such as **RS-422 line drivers**. This electronics layout allows for long cable runs (up to 100 meters) with high noise immunity by transmitting complementary signals ($A$ and $\bar{A}$).
---
## 3. Typical Pinout Logic
While specific pinouts vary by manufacturer, this series generally follows this electronic structure:
```markdown
Pin 1: VCC (Power Input)
Pin 2: GND (Common Ground)
Pin 3: Phase A+ (Non-inverted signal)
Pin 4: Phase A- (Inverted signal)
Pin 5: Phase B+
Pin 6: Phase B-
Pin 7: Phase Z+ (Index/Marker)
Pin 8: Phase Z-
```
---
## 4. Applications
The electronics of the M2PHSH-A1A-R2/N are optimized for:
1. **Servo Motor Feedback:** Providing real-time speed data to the drive.
2. **Robotic Arms:** Ensuring precise angular positioning.
3. **CNC Machinery:** Operating in high-vibration and oily environments where optical sensors might fail.
- ⤷
What is the maximum operating frequency for the M2PHSH-A1A-R2/N?
- ⤷ Does this model support SSI or BiSS communication protocols?
- ⤷ What are the mounting requirements for the magnetic actuator used with this sensor?