Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2PE-15-R2/UL

  • AI
    The **M2PE-15-R2/UL** is a specialized electronic component typically used in automation, power management, or telecommunications infrastructure. Based on the part numbering convention, this is an **M2 Series Electronic Multi-Power Transducer** or a signal converter manufactured by companies like **M-System** (now MG CO., LTD.). --- ## Technical Overview The M2PE series is designed to measure AC power parameters and convert them into standard analog signals for PLCs or data acquisition systems. ### 1. Key Specifications | Feature | Description | | :--- | :--- | | **Model Type** | Multi-Power Transducer (Electronic) | | **Input Channels** | 15 (Series indicator, often referring to specific wiring configurations) | | **Output** | R2 (Dual Relay or specific Analog configuration depending on suffix) | | **Safety Standard** | **UL** Certified (Underwriters Laboratories) | | **Mounting** | DIN Rail or Surface Mount | ### 2. Core Electronic Components Inside the M2PE-15-R2/UL, several critical stages process the electrical data: * **Isolation Transformer:** Provides galvanic isolation between the high-voltage input side and the low-voltage output/logic side. * **A/D Converter (Analog-to-Digital):** Converts incoming AC current and voltage waveforms into high-resolution digital data. * **Microprocessor Unit (MCU):** Calculates True RMS values, active power, reactive power, and power factor. * **Output Driver:** Converts the processed digital values back into a 4–20mA current loop or 0–10V voltage signal. * **Surge Protectors:** Internal MOVs (Metal Oxide Varistors) protect the circuitry from line spikes. --- ## Wiring and Connectivity The unit typically uses a **base socket** design, allowing the electronic module to be replaced without disconnecting the terminal wiring. ### Pinout Functions (General) 1. **Power Input:** AC or DC auxiliary power to run the internal electronics. 2. **Current Input (CT):** Terminals for Connecting Current Transformers. 3. **Voltage Input (PT):** Terminals for Connecting Potential Transformers. 4. **Analog Output:** The scaled signal sent to the control system. --- ## Applications * **Energy Management:** Monitoring power consumption in industrial plants. * **Load Analysis:** Detecting motor imbalances or overloads. * **Building Automation:** Integrating electrical data into a BMS (Building Management System). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage ranges supported by the M2PE-15 series?
    • ⤷ How does the 'R2' suffix change the output configuration compared to standard models?
    • ⤷ What is the procedure for calibrating the zero and span on this transducer?