Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2CEC-275D-R/Q

  • AI
    The **M2CEC-275D-R/Q** refers to a high-performance **Silicon Carbide (SiC) MOSFET Power Module**. These components are widely used in demanding industrial and automotive applications where high efficiency, high voltage, and thermal stability are required. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ## 1. Technical Specifications Overview This module is typically built on SiC (Silicon Carbide) technology, which offers superior performance over traditional Silicon (Si) IGBTs. | Feature | Description | | :--- | :--- | | **Material** | Silicon Carbide (SiC) | | **Configuration** | Dual / Half-Bridge (standard for "D" series) | | **Voltage Rating ($V_{DSS}$)** | Typically 1200V | | **Current Rating ($I_D$)** | Approximately 275A (at $T_C = 25^\circ C$) | | **Switching Frequency** | High-speed (up to hundreds of kHz) | | **Gate Drive** | Optimized for +15V/-5V or similar SiC drive voltages | --- ## 2. Key Electronic Components & Features ### A. SiC MOSFET Die Unlike traditional MOSFETs, the SiC substrate allows for a much thinner drift layer. This results in: * **Lower $R_{DS(on)}$:** Extremely low on-resistance, reducing conduction losses. * **High Junction Temperature:** Capable of operating at temperatures up to $175^\circ C$, reducing cooling requirements. ### B. Integrated Schottky Barrier Diode (SBD) Many "R/Q" variants include an internal SiC SBD or utilize the "body diode" of the MOSFET. * **Zero Reverse Recovery ($Q_{rr}$):** This eliminates the massive current spikes seen in silicon diodes during switching, significantly reducing electromagnetic interference (EMI). ### C. Low Inductance Packaging The physical housing of the M2CEC-275D is designed to minimize **stray inductance**. * This is critical for SiC because high $di/dt$ (fast current changes) can cause voltage overshoots that damage the device if the package inductance is too high. --- ## 3. Application Areas The specifications of this part make it suitable for power-dense environments: 1. **Electric Vehicle (EV) Traction Inverters:** Converting battery DC to motor AC. 2. **Solar Inverters:** High-efficiency DC-AC conversion for renewable energy grids. 3. **Fast Charging Stations:** Handling high current for DC fast chargers. 4. **Industrial Motor Drives:** Reducing the size of heat sinks and enclosures. --- ## 4. Comparison: SiC vs. Traditional IGBT | Property | SiC MOSFET (M2CEC-275D) | Traditional Silicon IGBT | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast | Moderate | | **Switching Losses** | Very Low | High (due to tail current) | | **Thermal Conductivity** | Excellent | Average | | **System Size** | Small (smaller filters/coolers) | Large | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating junction temperature for this specific SiC module?
    • ⤷ Can you explain the recommended gate drive voltage range to prevent oxide stress?
    • ⤷ How does the stray inductance of this package compare to standard TO-247 packages?