Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2CEC-1400B-R2

  • AI
    The **M2CEC-1400B-R2** is a specialized carrier board/adapter typically used in industrial computing and embedded systems. It is designed to interface **M.2 (NGFF)** modules with specific hardware architectures, often associated with IEI Integration Corp products. Below is a breakdown of its electronic components and functional specifications. --- ## 1. Core Technical Specifications The "R2" suffix generally denotes "Revision 2," indicating minor hardware optimizations over the original design. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 to PCIe/USB Adapter Card | | **Interface (Input)** | M.2 (B-Key or M-Key depending on configuration) | | **Interface (Output)** | Custom header or PCIe x4 golden finger | | **Dimensions** | Roughly 22mm x 42/60/80mm compatible | | **Compliance** | RoHS, CE/FCC | --- ## 2. Key Electronic Components ### A. Power Management Circuitry The board contains **Voltage Regulators (LDOs/Buck Converters)**. Since M.2 modules typically require **3.3V**, but the host system might provide 5V or 12V, these components ensure stable power delivery and protection against ripples. ### B. M.2 Connector (B-Key/M-Key) * **B-Key Support:** Often used for SATA or PCIe x2 interfaces (common for 4G/5G modules). * **M-Key Support:** Used for high-speed NVMe SSDs (PCIe x4). * **Pins:** Gold-plated pins to ensure low-impedance connections and corrosion resistance. ### C. Signal Buffers and Capacitors * **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) are placed near the M.2 slot to filter high-frequency noise from the data lines. * **Differential Pair Routing:** The PCB trace layout follows strict impedance matching (usually 85-100 ohms) to maintain signal integrity for PCIe Gen 3 or Gen 4 speeds. ### D. Indicator LEDs Most revisions include small SMD LEDs to provide visual feedback: * **Power LED:** Indicates the board is receiving voltage. * **Status/ACT LED:** Flickers during data read/write operations. --- ## 3. Connectivity Layout | Component | Function | | :--- | :--- | | **Standoffs** | Fixed positions for 2242, 2260, or 2280 length modules. | | **Bus Interface** | Translates the M.2 signals to the carrier board's proprietary connector. | | **Grounding Plane** | Heavy copper pours to assist in heat dissipation for high-performance modules. | --- ## 4. Typical Use Cases 1. **Industrial IoT:** Adding a cellular (LTE/5G) module to an industrial PC that lacks a native M.2 slot. 2. **Storage Expansion:** Adapting NVMe storage to a legacy or specialized backplane. 3. **Edge AI:** Hosting AI accelerator modules (like Intel Movidius or Hailo) in a compact form factor.
    ✨ Follow-up Questions
    • ⤷ Is the M2CEC-1400B-R2 compatible with NVMe SSDs or only SATA modules?
    • ⤷ What is the specific pinout for the carrier board connector?
    • ⤷ Does this revision support the PCIe Gen 4 standard?