Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2CE-15-R/CE

  • AI
    The **M2CE-15-R/CE** is a specific type of electronic module, typically categorized as a **Limit Switch Connector or an Interface Unit** used in industrial automation, specifically within the Omron M2CE series. These components are designed to provide a modular connection point for limit switches or pushbutton units. --- ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Series** | M2CE (Omron) | | **Component Type** | Contact Block / Connector Unit | | **Housing Shape** | Rectangular / Square (depending on bezel) | | **Connection Method** | Solder Terminals / Quick-connect | | **Current Rating** | Typically 1A to 5A (model dependent) | | **Voltage Rating** | 125VAC / 250VAC | | **Compliance** | CE (European Conformity) | --- ### 2. Key Electronic Components & Design The "electronic" nature of this part is primarily mechanical-electrical interfacing. Below are the core internal aspects: * **Contact Mechanism:** Uses a snap-action or slow-action contact set. The **"15"** in the part number often denotes the specific configuration of the contact poles (e.g., Single Pole Double Throw - SPDT). * **Terminal Design:** The terminals are usually silver-plated or gold-clad to ensure low contact resistance and prevent oxidation in industrial environments. * **Insulation:** The body is made of high-dielectric strength thermoplastic (usually PBT or Phenolic resin) to prevent electrical arcing between terminals. * **LED/Lamp Integration (Optional):** While the base part is a contact block, these units often have a central cavity designed to house a miniature T1¾ LED or Incandescent lamp for illuminated feedback. --- ### 3. Part Number Breakdown Understanding the suffix helps identify specific electronic capabilities: * **M2CE:** Series designation (Modular Control Component). * **15:** Refers to the internal contact arrangement or physical size (15mm class). * **-R:** Often indicates the **Color** (Red) or a specific **Reset** function. * **-CE:** Indicates compliance with European safety standards for low-voltage switchgear. --- ### 4. Implementation Example In a control circuit, this part acts as the bridge between manual input and a PLC (Programmable Logic Controller). ```cpp // Logic representation of the M2CE switch in a circuit if (M2CE_Switch_Closed == HIGH) { // Current flows through the 15-R/CE contacts Activate_Actuator(); Status_LED = ON; } else { Deactivate_Actuator(); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2CE series?
    • ⤷ Are there specific mounting accessories required for the M2CE-15-R/CE?
    • ⤷ Does this part support DC voltage switching
    • ⤷ and what are the limits?