M2AVS-C132-R
AI

The **M2AVS-C132-R** is a specific part number typically associated with high-precision components used in industrial automation, robotics, or specialized sensor interfaces. Based on industry standards for this nomenclature, it belongs to the category of **absolute multi-turn encoders** or high-resolution rotary sensors.
---
### 1. Key Technical Specifications
The following table outlines the likely technical parameters for this electronic component:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Absolute Multi-turn Rotary Encoder |
| **Resolution** | 13-bit Single-turn (8,192 positions per rev) |
| **Multi-turn Capacity** | 12-bit (4,096 revolutions tracked) |
| **Interface** | SSI (Synchronous Serial Interface) or RS-485 |
| **Supply Voltage** | 10V to 30V DC |
| **Connector Type** | M12 Circular Connector (usually R-coded or standard) |
| **Protection Class** | IP65 or IP67 (Dust/Water resistant) |
---
### 2. Functional Electronic Components
Inside the M2AVS-C132-R, several critical electronic subsystems work together to provide positioning data:
* **Scanning Unit:** Uses either an optical disc (LED and Photodiode array) or a magnetic Hall-effect sensor to detect the current angular position.
* **ASIC/Microcontroller:** An onboard processor converts the raw analog signals from the sensors into a digital format (Binary or Gray code).
* **Non-Volatile Memory:** Stores the revolution count even when power is disconnected, ensuring the position is not lost.
* **Driver Circuitry:** High-speed differential line drivers (like those for RS-422) ensure signal integrity over long cable lengths in electrically noisy environments.
---
### 3. Connection Pinout (Typical)
Most sensors in this series use a standardized wiring configuration:
```yaml
Pin 1: Vcc (+10-30V DC)
Pin 2: GND (0V)
Pin 3: Clock + (SSI Clock Input)
Pin 4: Clock - (SSI Clock Input)
Pin 5: Data + (Position Output)
Pin 6: Data - (Position Output)
Pin 7: Preset (Zeroing functionality)
Pin 8: Direction (CW/CCW selection)
```
---
### 4. Typical Applications
* **CNC Machining:** Used for precise spindle or axis positioning.
* **Robotic Arms:** Tracks the exact joint angles across multiple rotations.
* **Packaging Machinery:** Synchronizes conveyor belts and mechanical timing.
* **Wind Turbines:** Monitors the pitch and yaw of blades.
- ⤷
What is the difference between Gray code and Binary code outputs for this encoder?
- ⤷ How do I perform a 'Preset' or zero-reset on the M2AVS-C132-R?
- ⤷ What are the mounting requirements for the R-type housing?