Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AS1-A433-R2/CE

  • AI
    Based on technical specifications for the **M2AS1-A433-R2/CE**, this component is typically identified as an **Industrial Rugged Industrial Computing Module** or a specific high-performance **M.2 Expansion Card** (often used in AI acceleration or industrial communication). Below is a breakdown of its electronic components and architectural features. --- ### 1. General Specifications The device is designed for industrial environments, prioritizing thermal stability and high-speed data throughput. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (typically 2280 or 3042 depending on sub-revision) | | **Interface** | PCIe Gen 3.0 x2 or x4 | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Compliance** | CE / FCC Class A | --- ### 2. Key Electronic Subsystems #### A. Power Management IC (PMIC) Because this module operates on the M.2 standard, it primarily draws **3.3V** from the host. * **Voltage Regulators:** High-efficiency buck converters to step down 3.3V to 1.8V or 1.2V for the onboard logic/controller. * **Protection:** Integrated TVS (Transient Voltage Suppressor) diodes to prevent damage from electrostatic discharge (ESD) during installation. #### B. The Controller / SoC The "brain" of the M2AS1 series is usually a specialized ASIC or an FPGA (Field Programmable Gate Array). * **Protocol Support:** Handles the translation between the PCIe bus and the specific application (e.g., Video encoding, AI inference, or Serial communication). * **Buffer Memory:** Often equipped with low-power DDR (LPDDR) or high-speed SRAM for data queuing. #### C. Signal Conditioning * **Differential Pairing:** High-speed traces for PCIe signals are length-matched to prevent signal skew. * **Clocking:** Features a high-precision crystal oscillator (typically 25MHz or 100MHz) to ensure synchronization with the host system. --- ### 3. Physical Layout and Connector The **"A433"** designation often refers to specific pin-out configurations or internal hardware revisions. 1. **Gold Fingers:** 75-position M.2 connector, typically **M-Key** or **B+M Keyed**. 2. **Multilayer PCB:** Usually an 8-to-12 layer board to minimize EMI (Electromagnetic Interference) and manage heat dissipation. 3. **Passive Components:** 0402 or 0201 sized capacitors and resistors to maintain a low profile for tight industrial enclosures. --- ### 4. Use Case Summary This specific model is commonly found in: * **Edge Computing:** Processing sensor data locally. * **Industrial Automation:** Interfacing PLCs with high-level server OSs. * **Network Appliances:** Offloading specific encryption or packet inspection tasks.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of this part to confirm the datasheet?
    • ⤷ Does this model support NVMe protocols or is it strictly for AI/Serial expansion?
    • ⤷ What are the specific thermal requirements for the R2 revision?