M2AS1-6333-R2/N
AI

The **M2AS1-6333-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Magnetic Buzzer** or an **Electromagnetic Transducer**. These components are widely used in consumer electronics, industrial alarms, and automotive indicators to provide audible feedback.
---
### 1. Technical Specifications
The part number typically corresponds to a high-performance acoustic transducer. Below are the general technical parameters for this series:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Rated Voltage** | 3.6 V (Commonly ranges 3V - 5V) |
| **Operating Voltage** | 2.5 ~ 4.5 V |
| **Current Consumption** | Max 100 mA |
| **Sound Pressure Level (SPL)** | ≥ 85 dB (at 10cm distance) |
| **Resonant Frequency** | 2730 Hz ~ 3100 Hz |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
---
### 2. Physical Characteristics & Construction
The "M2AS" series is designed for automated assembly processes.
* **Housing:** High-temperature plastic (LCP or PPS) capable of withstanding **reflow soldering** temperatures (up to 260°C).
* **Acoustic Port:** Usually top-firing or side-firing (depending on the specific "R" revision).
* **Dimensions:** Small footprint (e.g., 9x9mm or 12x12mm) to save PCB real estate.
* **Lead-Free:** Compliant with RoHS standards.
---
### 3. Pinout and Circuit Integration
As an **electromagnetic transducer**, this part requires an external drive circuit (it is not a "plug-and-play" indicator with a built-in oscillator).
#### Basic Drive Circuit Requirements:
To generate sound, you must apply a square wave at the specified **Resonant Frequency**.
1. **Transistor Switching:** Usually driven by an NPN transistor or MOSFET.
2. **Flyback Diode:** A diode is often placed in parallel with the buzzer to protect the circuit from back-EMF spikes caused by the internal coil.
3. **Microcontroller (MCU) Control:** The MCU outputs a PWM signal to the base of the transistor to toggle the buzzer.
```cpp
// Example: Driving the buzzer at 2730Hz using Arduino
void setup() {
pinMode(9, OUTPUT); // Buzzer pin
}
void loop() {
tone(9, 2730); // Send 2.73kHz square wave
delay(500); // Wait 500ms
noTone(9); // Stop sound
delay(1000);
}
```
---
### 4. Applications
* **Consumer Electronics:** Microwave ovens, washing machines, and smart home hubs.
* **Medical Devices:** Portable monitors and glucose meters.
* **Automotive:** Dashboard alerts and parking sensor feedback.
* **Industrial:** Error indicators on control panels.
- ⤷
What is the exact physical footprint size for the M2AS1 series?
- ⤷ Does this model require a specific PWM duty cycle for optimal sound pressure?
- ⤷ What are the key differences between a magnetic transducer and a piezo buzzer?