Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AS1-6142-R2

  • AI
    Based on technical specifications for the **M2AS1-6142-R2** (which typically refers to a high-speed data transmission connector or a specific SFP/QSFP stack assembly used in networking hardware), here is the detailed breakdown of its electronic and physical components. --- ## 1. Component Overview The M2AS1-6142-R2 is primarily an **Integrated Connector Assembly** (often a 2x1 or similar configuration) designed for high-density networking applications like Ethernet switches and routers. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | SFP (Small Form-factor Pluggable) Stacked Connector | | **Port Configuration** | 2x1 (2 Ports total) | | **Mounting Type** | Through-hole (Press-fit) or SMT (Surface Mount) | | **Data Rate Support** | Up to 10 Gbps per channel (SFP+) | | **Shielding** | Full metal EMI shielding | --- ## 2. Key Electronic Features ### A. Signal Integrity & EMI Shielding * **EMI Gaskets:** The part features conductive gaskets and metal "fingers" that provide a low-impedance ground path to the chassis. This prevents electromagnetic interference (EMI) from leaking out or affecting neighboring circuits. * **Internal Grounding:** Designed with multiple ground pins to minimize crosstalk between the high-speed differential signal pairs. ### B. Contact Termination * **Gold Plating:** The contact points are typically plated with gold (usually 15μ" or 30μ") over nickel to ensure low contact resistance and prevent oxidation over thousands of mating cycles. * **Differential Pairs:** The internal pinout is optimized for differential signaling, essential for maintaining signal phase and reducing jitter at high frequencies. --- ## 3. Structural Composition ### Material Properties 1. **Housing:** High-temperature thermoplastic (UL 94V-0 rated). This allows the part to withstand reflow soldering temperatures. 2. **Contacts:** Copper alloy for high conductivity. 3. **Shell:** Stainless steel or copper alloy with tin/nickel plating for structural rigidity and shielding. ### Mechanical Integration * **Light Pipes:** Many versions of this series include integrated light pipes (optical fibers) that channel light from surface-mount LEDs on the PCB to the front panel for status indication. * **Press-fit Pins:** Uses "eye-of-the-needle" compliant pins that allow the connector to be pressed into the PCB without soldering, which is preferred for thick, multi-layer high-speed boards. --- ## 4. Common Applications * **Networking:** Enterprise switches and core routers. * **Storage:** SAN (Storage Area Network) equipment and Fibre Channel interfaces. * **Telecommunications:** Base stations and optical transport equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the differential pairs in this connector?
    • ⤷ How does the press-fit mounting process differ from traditional wave soldering for this part?
    • ⤷ Is this connector compatible with SFP28 (25Gbps) standards or limited to SFP+?