Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AS1-5344-R/N

  • AI
    The **M2AS1-5344-R/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific **Magnetic Module**. These parts are frequently used in power management circuits for high-frequency DC-DC converters, laptops, and networking equipment. --- ### 1. General Specifications While specific datasheets are proprietary to manufacturers (often associated with brands like **Mag.Layers** or **Chilisin**), the part number breakdown generally follows this industry logic: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Bead | | **Package Size** | SMD (Surface Mount Device) | | **Mounting** | Reflow Soldering Compatible | | **Termination** | Lead-Free (RoHS Compliant) | | **Operating Temp** | -40°C to +125°C (Standard Industrial) | --- ### 2. Key Electronic Characteristics These components are designed to handle high current while maintaining a low profile. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** The "5344" portion of the code often refers to specific physical dimensions (e.g., 5mm x 5mm) and internal winding structures that allow it to handle high current spikes without losing inductance. * **Magnetic Shielding:** Most parts in this series are shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding sensitive components on the PCB. --- ### 3. Common Applications The M2AS1 series is typically found in the following electronic environments: 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to smooth out power delivery. 2. **DC-DC Converters:** Essential for stepping down battery voltage to usable levels for integrated circuits. 3. **EMI Suppression:** Acting as a filter to block high-frequency noise in communication lines. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M2AS** | Series code (Metal Alloy or Multilayer Magnetic) | | **5344** | Dimensional code (Physical footprint/Height) | | **R/N** | Tolerance or Packing Type (e.g., Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value (uH) for the 5344 variant?
    • ⤷ Which manufacturers are the primary producers of the M2AS series?
    • ⤷ Can this part be substituted with a standard ferrite core inductor?