Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AS1-4333-R2

  • AI
    Based on the technical nomenclature, the **M2AS1-4333-R2** is a specific part number typically associated with high-performance **M.2 SSD (Solid State Drive) Carrier Cards** or **Storage Modules**, often used in industrial computing or server environments (such as those by Advantech or similar manufacturers). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications The M2AS1-4333-R2 functions as an interface bridge, allowing M.2 storage devices to communicate with a motherboard via a specific bus (usually PCIe). | Component Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 (80mm/60mm/42mm compatibility) | | **Interface** | PCIe Gen 3 or Gen 4 x4 | | **Connector Type** | M-Key (Socket 3) | | **Revision** | R2 (Indicates the second hardware iteration/PCB layout) | | **Operating Temp** | Typically Industrial Grade (-40°C to +85°C) | --- ### 2. Key Electronic Parts & Layout The PCB (Printed Circuit Board) consists of several critical electronic sub-systems: #### A. Power Management Integrated Circuits (PMIC) * **Voltage Regulators:** Converts the 12V or 5V input from the system bus to the **3.3V** required by M.2 NVMe drives. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) placed near the M.2 slot to filter high-frequency noise and ensure stable power delivery during peak read/write operations. #### B. Signal Conditioning * **Redrivers/Repeaters:** In some "R2" revisions, integrated circuits are used to boost the PCIe differential signals, ensuring data integrity over longer trace lengths or through high-density connectors. * **Termination Resistors:** Used to prevent signal reflection on the high-speed data lines. #### C. Physical Interface * **Gold Fingers:** The edge connector that plugs into the host machine, usually plated with 30μ" gold to prevent oxidation. * **M.2 Slot:** A physical 75-pin connector designed to hold the SSD module securely. #### D. Thermal Management * **Thermal Pads:** Often included in the R2 assembly to bridge the gap between the NAND flash/Controller and a heatsink. * **Copper Pours:** Large areas of copper on the PCB layers used to dissipate heat away from the active components. --- ### 3. Block Diagram Logic The electronic flow follows this path: 1. **Input:** PCIe Lane Signals + Power (from Host). 2. **Conversion:** Buck Converter steps down voltage to 3.3V. 3. **Transmission:** High-speed differential pairs carry data through signal conditioners. 4. **Output:** M.2 Socket (to SSD). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe bandwidth supported by the R2 revision?
    • ⤷ Does this part require specific drivers for OS recognition?
    • ⤷ What are the mechanical dimensions for mounting this carrier card?