Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AS1-4121-R2SLASHQ

  • AI
    The part number **M2AS1-4121-R2/Q** refers to a high-precision, industrial-grade rotary encoder or specialized sensing component, typically manufactured by companies like **Siko** or similar motion control specialists. These components are used to translate mechanical motion into electronic signals. --- ### Technical Specifications & Breakdown Below is a breakdown of the typical electronic and mechanical characteristics associated with this specific model series: | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Absolute Rotary Encoder | | **Interface** | Typically SSI (Synchronous Serial Interface) or CANopen | | **Resolution** | High-bit resolution (often 12-bit to 16-bit) | | **Supply Voltage** | Usually 10V DC to 30V DC | | **Housing Material** | Robust Die-cast Aluminum or Reinforced Plastic | | **Protection Class** | IP65 or IP67 (Dust and Water Resistant) | | **Connection Type** | M12 Connector or Fixed Cable Exit | --- ### Key Electronic Functions 1. **Absolute Positioning**: Unlike incremental encoders, this device "remembers" its position even after a power loss. It provides a unique digital code for every angle of the shaft. 2. **Magnetic Sensing Technology**: It utilizes a non-contact magnetic scanning principle. This makes the electronic internal parts highly resistant to dust, vibration, and moisture compared to optical encoders. 3. **Signal Conditioning**: The internal PCB contains an ASIC (Application-Specific Integrated Circuit) that converts the raw magnetic field changes into a stable digital protocol (the `R2/Q` suffix often denotes a specific wiring or output configuration). 4. **Diagnostic Feedback**: Many versions of this series include an LED or digital bit to indicate "Status" or "Error" (e.g., if the magnetic actuator is too far from the sensor). --- ### Common Applications * **Solar Tracking**: Positioning solar panels to follow the sun. * **Medical Equipment**: Precise rotation in CT scanners or X-ray arms. * **Heavy Machinery**: Feedback for hydraulic cylinders or crane rotations. * **Factory Automation**: Synchronizing conveyor belts or robotic joints. --- ### Wiring Identification (General Reference) *Note: Always refer to the specific datasheet provided with the unit, as pinouts can vary based on the "Q" sub-revision.* ```yaml Pin 1: +VDC (Power Supply) Pin 2: GND (0V) Pin 3: Data + (SSI Output) Pin 4: Data - (SSI Output) Pin 5: Clock + (Input) Pin 6: Clock - (Input) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the R2/Q variant?
    • ⤷ How does magnetic sensing compare to optical sensing in harsh environments?
    • ⤷ What are the mounting requirements for the M2AS1 series?