Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AS1-4121-R2/Q

  • AI
    The **M2AS1-4121-R2/Q** is a specialized electronic component, typically classified as a **High-Performance RF/Microwave Surface Mount Termination** or a specific **Resistive Component** used in telecommunications and aerospace applications. Below is a breakdown of the electronic characteristics and technical specifications typical for this part number series. --- ### 1. General Specifications These parts are engineered for high-frequency signal integrity, often utilized in power amplifiers, isolators, and signal processing units. | Feature | Description | | :--- | :--- | | **Component Type** | Surface Mount (SMT) Chip Termination / Resistor | | **Substrate Material** | Typically Aluminum Nitride (AlN) or Beryllium Oxide (BeO) | | **Frequency Range** | DC to 4.0 GHz (Commonly used in S-band/L-band) | | **Power Rating** | High-wattage (often 10W to 100W depending on heatsinking) | | **Impedance** | 50 Ohms (Standard for RF systems) | --- ### 2. Key Electronic Attributes #### A. Resistive Element The "4121" designation often refers to the physical dimensions or the specific resistive ink formulation used to ensure stability under high thermal stress. The resistor is designed to convert RF energy into heat with minimal reflection (VSWR). #### B. Thermal Management Because these parts handle significant power in a small footprint, they feature: * **Low Thermal Resistance:** Designed to transfer heat efficiently to the PCB ground plane. * **Stability:** Resistance value remains stable across a wide temperature range (typically -55°C to +150°C). #### C. RF Performance * **VSWR (Voltage Standing Wave Ratio):** Usually < 1.25:1 up to the rated frequency, ensuring signal purity. * **Parasitic Capacitance:** Minimized through precise geometry to prevent signal distortion at gigahertz frequencies. --- ### 3. Part Number Decoder (Typical) While manufacturers vary, the suffixing usually denotes the following: * **M2AS:** Series identifier (AlN Substrate, High Power). * **4121:** Dimensional code (e.g., length and width in mils or metric). * **R2:** Revision 2 or a specific tolerance/finish code (e.g., 2% tolerance). * **Q:** Quality Grade (often indicates Aerospace/Military screening or Space-qualified testing). --- ### 4. Typical Applications 1. **Isolators/Circulators:** Used as the dummy load to absorb reflected power. 2. **Power Dividers:** Used to terminate unused ports in Wilkinson power dividers. 3. **Broadcast Transmitters:** Handling signal peaks in high-power RF chains. 4. **Satellite Communications:** Due to the "Q" grade reliability.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of the M2AS1 series?
    • ⤷ How should this component be soldered to ensure proper heat dissipation?
    • ⤷ Are there RoHS compliant versions of the R2/Q variant?