M2AS1-4121-R
AI

The **M2AS1-4121-R** is a specific part number typically associated with high-frequency connectors or specialized telecommunications components, often manufactured by companies like **Telegärtner** or related RF component suppliers. It is most commonly identified as an **SMA-type connector** or a similar RF interface component.
Below is a detailed breakdown of the electronic and physical characteristics of this part.
---
### 1. Technical Specifications
The part is designed for precision signal transmission in radio frequency (RF) applications.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Connector / SMA Adaptor |
| **Interface** | SMA (SubMiniature version A) |
| **Gender** | Often Male/Plug (depending on specific suffix) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC up to 18 GHz |
| **Body Material** | Stainless Steel or Brass with Gold Plating |
| **Dielectric** | PTFE (Teflon) |
---
### 2. Key Electronic Parts & Construction
The "electronic" performance of the M2AS1-4121-R relies on its physical geometry and material science:
* **Center Contact:** Usually made of Beryllium Copper with gold plating to ensure low contact resistance and high durability over many mating cycles.
* **Insulator (Dielectric):** High-grade PTFE provides the necessary isolation between the center conductor and the outer shell while maintaining a constant 50-ohm impedance to prevent signal reflections.
* **Outer Shell/Body:** Provides the ground connection and electromagnetic shielding (EMI) to prevent signal leakage.
* **Coupling Nut:** A threaded mechanism (usually 1/4"-36 thread) that ensures a secure, vibration-resistant mechanical connection.
---
### 3. Applications
Components like the M2AS1-4121-R are found in high-performance environments:
1. **Telecommunications:** Base stations and cellular infrastructure.
2. **Test & Measurement:** Oscilloscopes, signal generators, and spectrum analyzers.
3. **Aerospace:** Satellite communication systems due to its lightweight and high-frequency stability.
4. **Medical Equipment:** Specialized imaging and diagnostic tools requiring high-frequency signal integrity.
---
### 4. Part Number Breakdown (General Convention)
While prefixes vary by manufacturer, the code usually follows this logic:
* **M2AS:** Series designation (often indicating Miniature/SMA series).
* **4121:** Specific configuration (mounting style, e.g., PCB mount, Bulkhead, or Right Angle).
* **-R:** Often signifies **RoHS Compliance** (Restriction of Hazardous Substances).
- ⤷
What are the mounting options for the M2AS1-4121-R?
- ⤷ What is the maximum voltage rating for this SMA connector?
- ⤷ Is this part compatible with standard RG-58 coaxial cables?