Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AMS2-11-R

  • AI
    The **M2AMS2-11-R** is a specific variant of a sub-miniature toggle switch, typically manufactured by companies like **Mountain Switch** or **Mouser/MEC**. It is designed for PCB (Printed Circuit Board) mounting and is used for low-power signal switching. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Function** | On-None-On (SPDT - Single Pole Double Throw) | | **Contact Rating** | 2A @ 250VAC; 5A @ 125VAC or 28VDC | | **Termination Style** | Right Angle PC Pin (Through-hole) | | **Actuator Type** | Standard Round Toggle (Batten) | | **Mounting Type** | PCB Mount, Horizontal (Right Angle) | | **Operating Temp** | -30°C to +85°C | --- ### 2. Internal Electronic Structure The "11" in the part number signifies the circuit configuration. * **SPDT (Single Pole Double Throw):** This switch has one common terminal and two output terminals. It routes the input signal to one of two different paths. * **On-None-On:** This is a two-position switch. There is no "center-off" position. The circuit is always closed in one of the two directions. * **Contact Resistance:** Typically rated at **10 mΩ max** initially, ensuring minimal voltage drop across the switch. * **Insulation Resistance:** Usually **1,000 MΩ min**, preventing leakage current between terminals. * **Dielectric Strength:** Capable of withstanding **1,000 Vrms** at sea level. --- ### 3. Physical Construction & Materials | Component | Material | | :--- | :--- | | **Case** | Diallyl Phthalate (DAP), UL94V-0 | | **Actuator** | Brass, Chrome Plated | | **Bushing** | Brass, Nickel Plated | | **Housing** | Stainless Steel | | **Terminals/Contacts** | Silver Plated Copper Alloy (or Gold over Silver) | --- ### 4. Common Applications Due to its right-angle PCB mount design and SPDT configuration, the M2AMS2-11-R is commonly found in: 1. **Telecommunications:** Routing signals between two different circuits. 2. **Instrumentation:** Switching between different measurement modes (e.g., Volts vs. Amps). 3. **Medical Equipment:** Power or mode selection on handheld diagnostic tools. 4. **Audio Gear:** Phase reversal or input selection switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold contact plating for this switch model?
    • ⤷ Can this switch be used for DC motor control
    • ⤷ or is it strictly for signals?
    • ⤷ How does the 'Right Angle' mounting affect the PCB layout design?