Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2AMS-C4-R2/CE

  • AI
    The **M2AMS-C4-R2/CE** is a high-performance electronic signal conditioner/transmitter, typically manufactured by **M-System**. It is designed to accept a specific analog input and convert it into a standardized, isolated output signal suitable for PLC or DCS integration. --- ### 1. Key Technical Specifications The model code follows a specific nomenclature that defines its electronic capabilities: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | M2AMS | Ultra-slim Signal Conditioner (M2 Series) | | **Input** | C4 | 4 – 20 mA DC (Current Input) | | **Output** | R2 | 4 – 20 mA DC (Current Output) | | **Power Supply** | CE | 100 – 240V AC (Universal AC power) | --- ### 2. Core Electronic Features #### A. Signal Isolation This device provides **three-way isolation** between the input, output, and power supply. - **Isolation Voltage:** Typically rated at 2000V AC. - **Electronic Purpose:** It prevents ground loops and protects sensitive control equipment from high-voltage surges or electrical noise originating at the field sensor. #### B. Conversion and Accuracy The internal circuitry uses high-precision Operational Amplifiers (Op-Amps) and A/D converters to ensure signal integrity. - **Accuracy:** Usually ±0.1% of span. - **Response Time:** Typically $\leq$ 0.5 seconds (0 to 90%). - **Temperature Coefficient:** Maintains stability within ±0.015%/°C. #### C. Power Management (CE Rating) The "CE" suffix indicates that the internal power supply unit is a switching regulator capable of handling 100V to 240V AC. It includes internal filtering to meet European CE electromagnetic compatibility (EMC) standards. --- ### 3. Physical & Installation Parts * **Front Panel Adjustments:** Features "Zero" and "Span" potentiometers (trimmers) for fine-tuning the output signal. * **LED Indicator:** A power LED on the front indicates the status of the internal DC bus. * **Mounting:** Designed for standard DIN rail mounting with a plug-in base for easy maintenance without disconnecting wires. --- ### 4. Application Logic The electronic path follows this logic: 1. **Input:** Receives 4-20mA from a field instrument (e.g., a pressure transmitter). 2. **Processing:** Filters noise and linearizes the signal. 3. **Isolation:** Passes the signal through an optical or magnetic isolator. 4. **Output:** Regenerates a clean 4-20mA signal for the controller.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the M2AMS-C4-R2/CE?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the difference between the M2AMS and the M2RS series?