M2AMS-A4-R2/N
AI

The **M2AMS-A4-R2/N** is a specialized electronic component, typically identified as a **Potentiometer Transmitter** or a **Signal Conditioner** from the M2 Series (often manufactured by companies like M-System).
These devices are used in industrial automation to convert resistance signals from a potentiometer into standard process signals (like 4-20mA or 1-5V DC).
### 1. Model Breakdown (Nomenclature)
The part number can be broken down to understand its specific electronic configuration:
| Code | Component Segment | Description |
| :--- | :--- | :--- |
| **M2AMS** | Model Series | Potentiometer Transmitter (Plug-in base) |
| **A4** | Input Signal | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) |
| **R** | Output Signal | 4 – 20 mA DC (Load resistance 600 $\Omega$ max.) |
| **2** | Power Input | 24V DC |
| **N** | Option | None (Standard configuration) |
---
### 2. Key Technical Specifications
Below are the electrical characteristics typical for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Input Resistance** | 100 $\Omega$ to 10 k$\Omega$ (Total resistance) |
| **Minimum Span** | 10% of total resistance |
| **Excitation Voltage** | Approx. 0.5V DC |
| **Output Type** | Current Loop (4–20mA) |
| **Accuracy** | $\pm$0.1% |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way (Input to Output to Power) |
---
### 3. Functional Operation
The electronic circuitry inside the M2AMS-A4-R2/N performs three primary roles:
1. **Reference Voltage Generation:** It applies a small, stable DC voltage across the external potentiometer.
2. **Signal Normalization:** As the wiper of the potentiometer moves, the voltage ratio changes. The internal amplifier scales this ratio based on the "Zero" and "Span" settings.
3. **Current Loop Driving:** The internal electronics convert the scaled voltage into a regulated 4-20mA current signal, which is robust against noise and can be transmitted over long distances to a PLC or DCS.
---
### 4. Connection Diagram (General)
The unit typically uses a socket-mount (plug-in) base. The wiring logic follows this pattern:
```text
Input (Potentiometer) Power Supply Output
[1] --- CW [7] --- +24V [4] --- + (4-20mA)
[2] --- Wiper [8] --- 0V [5] --- - (Common)
[3] --- CCW
```
---
- ⤷What is the difference between a 2-wire and 3-wire potentiometer transmitter?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ Can this unit be used with a 100k ohm potentiometer?