Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2ADS-ZBC-R/Q

  • AI
    The **M2ADS-ZBC-R/Q** is a specific variant of a high-performance **Step-Servo Integrated Motor** manufactured by **MOONS' Industries**. This device combines a stepper motor, a high-resolution encoder, and a digital drive into a single compact unit. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Component Breakdown | Component | Description | | :--- | :--- | | **Integrated Drive** | A digital DSP-based power amplifier that controls current and logic. | | **Motor Type** | NEMA 17 or 23 (size dependent) 2-phase hybrid Step-Servo motor. | | **Encoder** | High-resolution feedback device (typically 20,000 counts/rev) for closed-loop control. | | **Communication** | Supports **RS-485** or **Modbus/RTU** (implied by the "Z" or "Q" suffix variants). | --- ## 2. Electronic Specifications The electronic performance is defined by its ability to operate in "Servo Mode," eliminating the risk of stalling common in traditional steppers. ### Electrical Characteristics * **Input Voltage:** Typically ranges from **12V to 48V DC**. * **Current Control:** Space Vector PWM (Pulse Width Modulation) for high efficiency and low heat. * **Feedback Loop:** Uses a closed-loop algorithm to adjust current based on actual load, preventing lost steps. ### I/O Interface The "R/Q" suffix usually indicates specific I/O and communication protocols: * **Digital Inputs:** 3 optically isolated inputs (Pulse/Direction or General Purpose). * **Digital Outputs:** 1 or 2 optically isolated outputs (Alarm, In-position, or Brake control). * **Analog Input:** Often includes a 0-5V input for speed or position control. --- ## 3. Part Number Suffix Identification The specific suffix in **M2ADS-ZBC-R/Q** defines the electronic interface: | Suffix | Meaning | | :--- | :--- | | **Z** | Indicates Integrated Step-Servo (Advanced version). | | **B** | Usually refers to the Encoder resolution or Brake option. | | **C** | Standard NEMA frame size/Torque rating connector. | | **-R** | **RS-485** Communication port. | | **-Q** | **Q-Programming** (MOONS' proprietary control language for standalone execution). | --- ## 4. Connectivity Pinout (Typical) ```text Power Port: +Vdc : 12-48V DC Input GND : Power Ground I/O Port: X1/X2 : High speed pulse/direction inputs X3 : Enable or general input Y1 : Alarm output Comm Port: RS-485 A / B (For daisy-chaining multiple motors) ``` --- ## 5. Key Electronic Features 1. **Anti-Resonance:** Electronic damping that eliminates mid-range instability. 2. **Microstep Emulation:** The drive uses 1/256 microstepping internally to ensure smooth motion even if the input pulse is low resolution. 3. **Low Heat Generation:** Unlike standard steppers that draw full current constantly, the M2ADS adjusts current based on the torque required.
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the M2ADS series?
    • ⤷ How do I program the -Q standalone execution commands?
    • ⤷ Which software is required to configure the RS-485 parameters for this motor?