Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M2ADS-DB1-R2

  • AI
    The **M2ADS-DB1-R2** is an industrial-grade interface daughterboard (daughter card) typically used with Single Board Computers (SBCs) or carrier boards in embedded computing systems. It is most commonly associated with **ASUS IoT** or **Aaeon** platforms for expanding I/O capabilities via an M.2 slot. --- ### 1. Technical Specifications The board functions as a bridge between high-speed M.2 protocols and standard industrial communication ports. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2230/2242 (Daughterboard design) | | **Interface Port** | D-Sub 9-pin (typically) or custom header | | **Signals Supported** | RS-232 / RS-422 / RS-485 | | **Controller Type** | PCIe to UART Bridge | | **Revision** | R2 (Revision 2.0 - usually implies hardware stability updates) | --- ### 2. Key Electronic Components The internal circuitry of the M.2 extension board consists of several critical stages: #### A. Bridge Controller (The "Brain") The board utilizes a **UART Controller** (such as an Exar or MaxLinear chipset) that converts the PCIe lanes from the M.2 slot into asynchronous serial data signals. This allows the OS to recognize the board as a standard COM port. #### B. Transceiver ICs Because PCIe signals are low-voltage (3.3V) and serial ports require higher or differential voltages, the board includes: * **RS-232 Transceivers:** To handle voltage swings (e.g., +/- 5V to 15V). * **RS-485/422 Transceivers:** To handle differential signaling for long-distance communication and noise immunity. #### C. Power Management * **LDO Regulators:** Converts the 3.3V supplied by the M.2 slot into the specific voltages required by the transceivers. * **Decoupling Capacitors:** Small SMD capacitors placed near the ICs to filter out high-frequency noise. #### D. Protection Circuitry As an industrial part, the M.2 interface usually includes: * **TVS Diodes:** Transient Voltage Suppression to protect the internal silicon from Electrostatic Discharge (ESD) on the external ports. * **Termination Resistors:** Often configurable (via jumpers or software) for RS-485 multi-drop networks. --- ### 3. Usage Scenario The **M2ADS-DB1-R2** is specifically designed for space-constrained environments where a full-sized PCIe expansion card is not feasible. 1. **Industrial Automation:** Connecting to PLCs or CNC machines. 2. **Point of Sale (POS):** Connecting to legacy receipt printers or barcode scanners. 3. **Edge AI:** Providing a debug console or sensor data feed to an AI gateway. --- ### 4. Hardware Pinout (Typical RS-232) If the board terminates in a DB9 connector, the standard pinout is as follows: ```text Pin 1: DCD (Data Carrier Detect) Pin 2: RXD (Receive Data) Pin 3: TXD (Transmit Data) Pin 4: DTR (Data Terminal Ready) Pin 5: GND (Ground) Pin 6: DSR (Data Set Ready) Pin 7: RTS (Request to Send) Pin 8: CTS (Clear to Send) Pin 9: RI (Ring Indicator) ```
    ✨ Follow-up Questions
    • ⤷ Which specific ASUS IoT or AAEON motherboard are you using with this board?
    • ⤷ Do you need the jumper settings for switching between RS-232 and RS-485 modes?
    • ⤷ Are you experiencing driver recognition issues in Linux or Windows?